Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8S-2268 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # H8S-2268
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
Download  725 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S-2268 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button H8S-2268 Datasheet HTML 6Page - Renesas Technology Corp H8S-2268 Datasheet HTML 7Page - Renesas Technology Corp H8S-2268 Datasheet HTML 8Page - Renesas Technology Corp H8S-2268 Datasheet HTML 9Page - Renesas Technology Corp H8S-2268 Datasheet HTML 10Page - Renesas Technology Corp H8S-2268 Datasheet HTML 11Page - Renesas Technology Corp H8S-2268 Datasheet HTML 12Page - Renesas Technology Corp H8S-2268 Datasheet HTML 13Page - Renesas Technology Corp H8S-2268 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 725 page
background image
Rev. 4.00 Mar 21, 2006 page x of lxviii
Item
Page
Revision (See Manual for Details)
1.4 Pin Functions
Table 1.1 Pin
Functions
8
Table 1.1 amended
Type
Symbol
Pin NO.
I/O
Function
System
control
RES*2
59
Input
Reset input pin. When this pin is low, the chip
enters in the power-on reset state.
STBY*2
61
Input
When this pin is low, a transition is made to
hardware standby mode.
FWE
*2
66
Input
Enables/disables programming the flash
memory.
Interrupts
NMI
60
Input
Nonmaskable interrupt pin. If this pin is not used,
it should be fixed-high.
IRQ5*1
IRQ4
IRQ3
IRQ1
IRQ0
81
78
82
40
38
Input
These pins request a maskable interrupt.
WKP7 to
WKP0
26 to 33
Input
These pins request a wakeup interrupt. This
interrupt is maskable.
16-bit timer-
pulse unit
(TPU)
TCLKD*
1
TCLKC
TCLKB
TCLKA
41
39
37
36
Input
These pins input an external clock.
TIOCA0*
1
TIOCB0*
1
TIOCC0*
1
TIOCD0*
1
34
35
36
37
Input/
Output
Pins for the TGRA_0 to TGRD_0 input capture
input or output compare output, or PWM output.
TIOCA1
TIOCB1
38
39
Input/
Output
Pins for the TGRA_1 and TGRB_1 input capture
input or output compare output, or PWM output.
TIOCA2
TIOCB2
40
41
Input/
Output
Pins for the TGRA_2 and TGRB_2 input capture
input or output compare output, or PWM output.
8-bit timer
TMO3*
1
TMO2*
1
TMO1
TMO0
70
71
72
73
Output
Compare-match output pins
TMCI23*
1
TMCI01
TMCI4*
1
74
75
55
Input
Pins for external clock input to the counter
TMRI23*
1
TMRI01
74
75
Input
Counter reset input pins.


Similar Part No. - H8S-2268

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S-2212 RENESAS-H8S-2212 Datasheet
4Mb / 750P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
H8S-2214 RENESAS-H8S-2214 Datasheet
5Mb / 936P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2100 Series
H8S-2218 RENESAS-H8S-2218 Datasheet
4Mb / 750P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
H8S-2223 RENESAS-H8S-2223 Datasheet
6Mb / 1071P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
H8S-2224 RENESAS-H8S-2224 Datasheet
6Mb / 1071P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
More results

Similar Description - H8S-2268

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2268 RENESAS-H8S2268_09 Datasheet
4Mb / 712P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S14 RENESAS-H8S14 Datasheet
5Mb / 938P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S18 RENESAS-H8S18 Datasheet
5Mb / 758P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S-2218 RENESAS-H8S-2218 Datasheet
4Mb / 750P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
H8S-2258 RENESAS-H8S-2258 Datasheet
6Mb / 1071P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
H8S2215 RENESAS-H8S2215 Datasheet
4Mb / 878P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S15 RENESAS-H8S15 Datasheet
5Mb / 904P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2245 RENESAS-H8S2245 Datasheet
3Mb / 818P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
H8S2268 RENESAS-H8S2268 Datasheet
4Mb / 725P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2214 RENESAS-H8S2214 Datasheet
5Mb / 936P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com