Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8S-2322R Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # H8S-2322R
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2300 Series
Download  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S-2322R Datasheet(HTML) 5 Page - Renesas Technology Corp

  H8S-2322R Datasheet HTML 1Page - Renesas Technology Corp H8S-2322R Datasheet HTML 2Page - Renesas Technology Corp H8S-2322R Datasheet HTML 3Page - Renesas Technology Corp H8S-2322R Datasheet HTML 4Page - Renesas Technology Corp H8S-2322R Datasheet HTML 5Page - Renesas Technology Corp H8S-2322R Datasheet HTML 6Page - Renesas Technology Corp H8S-2322R Datasheet HTML 7Page - Renesas Technology Corp H8S-2322R Datasheet HTML 8Page - Renesas Technology Corp H8S-2322R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 1302 page
background image
Rev.6.00 Sep. 27, 2007 Page v of xxx
REJ09B0220-0600
Preface
This LSI is a single-chip microcomputer made up of the H8S/2000 CPU with an internal 32-bit
architecture as its core, and the peripheral functions required to configure a system.
This LSI is equipped with ROM, RAM, a bus controller, data transfer controller (DTC), a 16-bit
timer pulse unit (TPU), a watchdog timer (WDT), a serial communication interface (SCI), DMA
controller (DMAC), a D/A converter, an A/D converter, and I/O ports as on-chip supporting
modules. This LSI is suitable for use as an embedded processor for high-level control systems. Its
on-chip ROM are flash memory (F-ZTAT™*) and mask ROM that provides flexibility as it can
be reprogrammed in no time to cope with all situations from the early stages of mass production to
full-scale mass production. This is particularly applicable to application devices with
specifications that will most probably change.
Note: * F-ZTAT is a trademark of Renesas Technology Corp.
Target Users: This manual was written for users who will be using the H8S/2329 Group,
H8S/2328 Group in the design of application systems. Members of this audience are
expected to understand the fundamentals of electrical circuits, logical circuits, and
microcomputers.
Objective:
This manual was written to explain the hardware functions and electrical
characteristics of the H8S/2329 Group, H8S/2328 Group to the above audience.
Refer to the H8S/2600 Series, H8S/2000 Series Software Manual for a detailed
description of the instruction set.
Notes on reading this manual:
• In order to understand the overall functions of the chip
Read the manual according to the contents. This manual can be roughly categorized into parts
on the CPU, system control functions, peripheral functions and electrical characteristics.
• In order to understand the details of the CPU's functions
Read the H8S/2600 Series, H8S/2000 Series Software Manual.
• In order to understand the details of a register when its name is known
The addresses, bits, and initial values of the registers are summarized in appendix B, Internal
I/O Registers.
Example:
Bit order: The MSB is on the left and the LSB is on the right.
Related Manuals:
The latest versions of all related manuals are available from our web site.
Please ensure you have the latest versions of all documents you require.
(http://www.renesas.com/eng/)


Similar Part No. - H8S-2322R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S-2345 RENESAS-H8S-2345 Datasheet
4Mb / 927P
   16-Bit Single-Chip Microcomputer
H8S-2350 RENESAS-H8S-2350 Datasheet
5Mb / 1025P
   16-Bit Single-Chip Microcomputer
H8S-2355 RENESAS-H8S-2355 Datasheet
4Mb / 880P
   16-Bit Single-Chip Microcomputer
H8S-2357 RENESAS-H8S-2357 Datasheet
4Mb / 1047P
   16-Bit Single-Chip Microcomputer H8S Family H8S-2100 Series
More results

Similar Description - H8S-2322R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2378 RENESAS-H8S2378 Datasheet
7Mb / 1203P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2339 RENESAS-H8S2339 Datasheet
5Mb / 1244P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2368 RENESAS-H8S2368 Datasheet
6Mb / 1037P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S78 RENESAS-H8S78 Datasheet
8Mb / 1208P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2357 RENESAS-H8S2357 Datasheet
4Mb / 1047P
   RENESAS 46-BIT SINGLE-CHIP MICROCOMPUTER H8S FAMILY/H8S/2300 SERIES
DF2328BVTE25V RENESAS-DF2328BVTE25V Datasheet
7Mb / 1304P
   Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
HD64F2357F20V RENESAS-HD64F2357F20V Datasheet
4Mb / 1049P
   Hardware Manual Renesas 16-Bit Single-chip Microcomputer H8S Family / H8S/2300 Series
H8S2319 RENESAS-H8S2319 Datasheet
5Mb / 1144P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2329 RENESAS-H8S2329 Datasheet
6Mb / 1302P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S39 RENESAS-H8S39 Datasheet
9Mb / 1512P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com