Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2141BV Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD64F2141BV
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
Download  845 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2141BV Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD64F2141BV Datasheet HTML 3Page - Renesas Technology Corp HD64F2141BV Datasheet HTML 4Page - Renesas Technology Corp HD64F2141BV Datasheet HTML 5Page - Renesas Technology Corp HD64F2141BV Datasheet HTML 6Page - Renesas Technology Corp HD64F2141BV Datasheet HTML 7Page - Renesas Technology Corp HD64F2141BV Datasheet HTML 8Page - Renesas Technology Corp HD64F2141BV Datasheet HTML 9Page - Renesas Technology Corp HD64F2141BV Datasheet HTML 10Page - Renesas Technology Corp HD64F2141BV Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 845 page
background image
Rev. 3.00 Mar 21, 2006 page vii of liv
Main Revisions for This Edition
Item
Page
Revision (See Manual for Details)
All
• Notification of change in company name amended
(Before) Hitachi, Ltd.
→ (After) Renesas Technology Corp.
• Product naming convention amended
(Before) H8S/2140B Series
→ (After) H8S/2140B Group
1.1 Features
1
• Various peripheral functions
Note
* added
Host Interface LPC interface
*
Note:
* The LPC function is not supported by H8S/2148B and
H8S/2145B (5-V version).
• On-chip memory
Table amended
ROM
Model
ROM
RAM
Remarks
F-ZTAT Version
HD64F2161BV*
128 kbytes
4 kbytes
HD64F2160BV*
64 kbytes
4 kbytes
HD64F2141BV*
128 kbytes
4 kbytes
HD64F2140BV*
64 kbytes
4 kbytes
HD64F2145BV*
256 kbytes
8 kbytes
Under development
HD64F2145B
256 kbytes
8 kbytes
HD64F2148BV*
128 kbytes
4 kbytes
HD64F2148B
128 kbytes
4 kbytes
2
• Compact package
Table amended
(Before) 18.0
× 18.0 mm → (After) 16.0 × 16.0 mm
(Before) 16.0
× 16.0 mm → (After) 14.0 × 14.0 mm
1.2 Block Diagram
Figure 1.1 Internal
Block Diagram of
H8S/2140B,
H8S/2141B,
H8S/2145B, and
H8S/2148B
3
Note amended
Note:
* The LPC function and the
WUE pin function are not
supported by the H8S/2148B and H8S/2145B (5-V version).
Figure 1.2 Internal
Block Diagram of
H8S/2160B and
H8S/2161B
4
Figure 1.2 amended
(Before) ROM (Flash memory, Masked ROM)
→ (After) ROM
(Flash memory)


Similar Part No. - HD64F2141BV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F2141BV RENESAS-HD64F2141BV Datasheet
4Mb / 829P
   Hitachi 16-Bit Single-Chip Microcomputer
More results

Similar Description - HD64F2141BV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S-2172 RENESAS-H8S-2172 Datasheet
4Mb / 570P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2100 Series
H8S2168 RENESAS-H8S2168 Datasheet
5Mb / 874P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2158 RENESAS-H8S2158 Datasheet
6Mb / 927P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
H8S2199R RENESAS-H8S2199R Datasheet
6Mb / 1222P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
H8S2110B RENESAS-H8S2110B Datasheet
3Mb / 559P
   Renesas 16-Bit Single-Chip Microcomputer Renesas H8S Family/H8S/2100 Series
H8S2111B RENESAS-H8S2111B Datasheet
3Mb / 582P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2148 RENESAS-H8S2148 Datasheet
6Mb / 1177P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
H8S2189R RENESAS-H8S2189R Datasheet
4Mb / 812P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2116 RENESAS-H8S2116 Datasheet
4Mb / 842P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2117 RENESAS-H8S2117 Datasheet
5Mb / 968P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S-2214 RENESAS-H8S-2214 Datasheet
5Mb / 936P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2100 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com