Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64338427 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD64338427
Description  Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
Download  663 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64338427 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD64338427 Datasheet HTML 1Page - Renesas Technology Corp HD64338427 Datasheet HTML 2Page - Renesas Technology Corp HD64338427 Datasheet HTML 3Page - Renesas Technology Corp HD64338427 Datasheet HTML 4Page - Renesas Technology Corp HD64338427 Datasheet HTML 5Page - Renesas Technology Corp HD64338427 Datasheet HTML 6Page - Renesas Technology Corp HD64338427 Datasheet HTML 7Page - Renesas Technology Corp HD64338427 Datasheet HTML 8Page - Renesas Technology Corp HD64338427 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 663 page
background image
Rev. 6.00 Aug 04, 2006 page iii of xxxiv
Preface
The H8/3827R Group, H8/3827S Group, H8/38327 Group, and H8/38427 Group are high-
performance single-chip microcomputers that integrate peripheral functions necessary for system
configuration with an H8/300L CPU core.
The on-chip peripheral functions include ROM, RAM, six timers, 14-bit PWM, a serial
communication interface (SCI), an A/D converter, LCD controller/driver, and I/O ports, providing
an ideal configuration as a microcomputer for embedding in sophisticated control systems. PROM
(ZTAT™*1), flash memory (F-ZTAT™*2), and mask ROM are available as on-chip ROM,
enabling users to respond quickly and flexibly to changing application specifications and the
demands of the transition from initial to full-fledged volume production.
Notes: 1. ZTAT is a trademark of Renesas Technology Corp.
2. F-ZTAT is a trademark of Renesas Technology Corp.
Intended Readership: This manual is intended for users undertaking the design of an application
system using the H8/3827R Group, H8/3827S Group, H8/38327 Group, and
H8/38427 Group. Readers using this manual require a basic knowledge of
electrical circuits, logic circuits, and microcomputers.
Purpose:
The purpose of this manual is to give users an understanding of the hardware
functions and electrical characteristics of the H8/3827R Group, H8/3827S
Group, H8/38327 Group, and H8/38427 Group. Details of execution
instructions can be found in the H8/300L Series Programming Manual,
which should be read in conjunction with the present manual.
Using this Manual:
• For an overall understanding of the H8/3827R Group, H8/3827S Group, H8/38327 Group, and
H8/38427 Group's functions
Follow the Table of Contents. This manual is broadly divided into sections on the CPU, system
control functions, peripheral functions, and electrical characteristics.
• For a detailed understanding of CPU functions
Refer to the separate publication H8/300L Series Programming Manual.
Note on bit notation: Bits are shown in high-to-low order from left to right.


Similar Part No. - HD64338427

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6433842 RENESAS-HD6433842 Datasheet
1Mb / 523P
   Single-Chip Microcomputer
HD6433842R RENESAS-HD6433842R Datasheet
5Mb / 719P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
More results

Similar Description - HD64338427

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H838024 RENESAS-H838024_10 Datasheet
4Mb / 684P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
H83802 RENESAS-H83802_10 Datasheet
3Mb / 546P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
HD6473847RHV RENESAS-HD6473847RHV Datasheet
3Mb / 546P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
H83847R RENESAS-H83847R Datasheet
5Mb / 719P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
H83802 RENESAS-H83802 Datasheet
3Mb / 555P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
H83724 RENESAS-H83724 Datasheet
1Mb / 352P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Series
HD64F38024HV RENESAS-HD64F38024HV Datasheet
4Mb / 684P
   Hardware Manual Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
HD64F3644HV RENESAS-HD64F3644HV Datasheet
3Mb / 551P
   Hardware Manual Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Series
H838086R RENESAS-H838086R Datasheet
3Mb / 697P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
H838076R RENESAS-H838076R Datasheet
4Mb / 669P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com