Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8S2673 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # H8S2673
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
Download  979 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2673 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button H8S2673 Datasheet HTML 5Page - Renesas Technology Corp H8S2673 Datasheet HTML 6Page - Renesas Technology Corp H8S2673 Datasheet HTML 7Page - Renesas Technology Corp H8S2673 Datasheet HTML 8Page - Renesas Technology Corp H8S2673 Datasheet HTML 9Page - Renesas Technology Corp H8S2673 Datasheet HTML 10Page - Renesas Technology Corp H8S2673 Datasheet HTML 11Page - Renesas Technology Corp H8S2673 Datasheet HTML 12Page - Renesas Technology Corp H8S2673 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 979 page
background image
Rev. 3.00 Mar 17, 2006 page ix of l
Item
Page
Revision (See Manual for Details)
10.15.4 Pin
Functions
515
• PG3/
CS3/RAS3/CAS, PG2/CS2/RAS2/RAS
Description amended
The pin function is switched as shown below according to the
operating mode, bit EXPE, bit PGnDDR, bit CSnE, and bits
RMTS2 to RMTS0.
515
• PG1/
CS1, PG0/CS0
Description amended
The pin function is switched as shown below according to the
operating mode, bit EXPE, bit PGnDDR, and bit CSnE.
10.16.4 Pin
Functions
520
• PH1/
CS5/RAS5/SDRAMφ
Description amended
The pin function is switched as shown below according to the
operating mode, DCTL pin, bit EXPE, bit CS5E, bits RMTS2
to RMTS0, and bit PH1DDR.
11.1 Features
Table 11.1 TPU
Functions
523
Table 11.1 amended
Item
Channel 0
Channel 1
Channel 2
Channel 3
Channel 4
Channel 5
DTC
activation
TGR
compare
match or
input capture
TGR
compare
match or
input capture
TGR
compare
match or
input capture
TGR
compare
match or
input capture
TGR
compare
match or
input capture
TGR
compare
match or
input capture
DMAC
activation
TGRA_0
compare
match or
input capture
TGRA_1
compare
match or
input capture
TGRA_2
compare
match or
input capture
TGRA_3
compare
match or
input capture
TGRA_4
compare
match or
input capture
TGRA_5
compare
match or
input capture
A/D
converter
trigger
TGRA_0
compare
match or
input capture
TGRA_1
compare
match or
input capture
TGRA_2
compare
match or
input capture
TGRA_3
compare
match or
input capture
TGRA_4
compare
match or
input capture
TGRA_5
compare
match or
input capture
PPG
trigger
TGRA_0/
TGRB_0
compare
match or
input capture
TGRA_1/
TGRB_1
compare
match or
input capture
TGRA_2/
TGRB_2
compare
match or
input capture
TGRA_3/
TGRB_3
compare
match or
input capture
——
11.3.9 Timer
Synchronous Register
(TSYR)
558
Bits 7, 6 initial value amended
(Before) -
→ (After) All 0
15.3.9 Bit Rate
Generator (BRR)
Table 15.2
Relationships
between N Setting in
BRR and Bit Rate B
679
Table 15.2 amended
Mode
Bit Rate
Error
Smart Card
Interface Mode
B =
Error (%) =
B
× S × 22n+1 × (N + 1)
φ × 106
{}
– 1
× 100
S
× 22n+1 × (N + 1)
φ × 106


Similar Part No. - H8S2673

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S26 RENESAS-H8S26 Datasheet
7Mb / 1304P
   Renesas 16-Bit Single-Chip Microcomputer
H8S2601 RENESAS-H8S2601 Datasheet
2Mb / 492P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2602 RENESAS-H8S2602 Datasheet
2Mb / 492P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2603 RENESAS-H8S2603 Datasheet
3Mb / 574P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2604 RENESAS-H8S2604 Datasheet
3Mb / 574P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
More results

Similar Description - H8S2673

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S39 RENESAS-H8S39 Datasheet
9Mb / 1512P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2639 RENESAS-H8S2639 Datasheet
9Mb / 1547P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2643 RENESAS-H8S2643 Datasheet
6Mb / 1277P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
HD6417750RF240V RENESAS-HD6417750RF240V Datasheet
3Mb / 606P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2668 RENESAS-H8S2668 Datasheet
3Mb / 667P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2649 RENESAS-H8S2649 Datasheet
4Mb / 766P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2628 RENESAS-H8S2628_10 Datasheet
4Mb / 658P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
HD64F2636F20 RENESAS-HD64F2636F20 Datasheet
9Mb / 1512P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2615 RENESAS-H8S2615 Datasheet
2Mb / 479P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2633 RENESAS-H8S2633 Datasheet
7Mb / 1487P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2646 RENESAS-H8S2646 Datasheet
5Mb / 1165P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com