Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2215T Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HD64F2215T
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
Download  878 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2215T Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HD64F2215T Datasheet HTML 7Page - Renesas Technology Corp HD64F2215T Datasheet HTML 8Page - Renesas Technology Corp HD64F2215T Datasheet HTML 9Page - Renesas Technology Corp HD64F2215T Datasheet HTML 10Page - Renesas Technology Corp HD64F2215T Datasheet HTML 11Page - Renesas Technology Corp HD64F2215T Datasheet HTML 12Page - Renesas Technology Corp HD64F2215T Datasheet HTML 13Page - Renesas Technology Corp HD64F2215T Datasheet HTML 14Page - Renesas Technology Corp HD64F2215T Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 878 page
background image
Rev.7.00 Mar. 27, 2007, Page xi of lviii
REJ09B0140-0700
Item
Page
Revision (See Manual for Details)
13.1 Features
380
Description amended
• Average transfer rate generator (SCI_0):
In H8S/2215 ...
In H8S/2215R and H8S/2215T 921.569 kbps, 720 kbps, ...
13.1.1 Block Diagram
Figure 13.2 Block
Diagram of SCI_0
(H8S/2215R and
H8S/2215T)
382
Figure 13.2 title amended
13.3 Register
Descriptions
384, 385
Description amended
• Serial extended mode register A_0 (SEMRA_0)(only for
channel 0 in H8S/2215R and H8S/2215T)
• Serial extended mode register B_0 (SEMRB_0)(only for
channel 0 in H8S/2215R and H8S/2215T)
13.3.7 Serial Status
Register (SSR)
396
• Normal Serial Communication Interface Mode (When SMIF
in SCMR is 0)
Note *2 added to TEND description
DTC*
2
399
• Smart Card Interface Mode (When SMIF in SCMR is 1)
Note *2 added to TEND description
DTC*
2
13.3.10 Serial
Extended Mode
Register A_0
(SEMRA_0)(Only for
Channel 0 in
H8S/2215R and
H8S/2215T)
409
Section 13.3.10 title amended
13.3.11 Serial
Extended Mode
Register B_0
(SEMRB_0)(Only for
Channel 0 in
H8S/2215R and
H8S/2215T)
411
Section 13.3.11 title amended


Similar Part No. - HD64F2215T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F2215T RENESAS-HD64F2215T Datasheet
5Mb / 904P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
HD64F2215TU RENESAS-HD64F2215TU Datasheet
5Mb / 904P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
More results

Similar Description - HD64F2215T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2268 RENESAS-H8S2268_09 Datasheet
4Mb / 712P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S14 RENESAS-H8S14 Datasheet
5Mb / 938P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S18 RENESAS-H8S18 Datasheet
5Mb / 758P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S-2218 RENESAS-H8S-2218 Datasheet
4Mb / 750P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
H8S-2258 RENESAS-H8S-2258 Datasheet
6Mb / 1071P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
H8S-2268 RENESAS-H8S-2268 Datasheet
4Mb / 725P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
H8S15 RENESAS-H8S15 Datasheet
5Mb / 904P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2245 RENESAS-H8S2245 Datasheet
3Mb / 818P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
H8S2268 RENESAS-H8S2268 Datasheet
4Mb / 725P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2214 RENESAS-H8S2214 Datasheet
5Mb / 936P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com