Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6433801 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD6433801
Description  Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
Download  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433801 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD6433801 Datasheet HTML 1Page - Renesas Technology Corp HD6433801 Datasheet HTML 2Page - Renesas Technology Corp HD6433801 Datasheet HTML 3Page - Renesas Technology Corp HD6433801 Datasheet HTML 4Page - Renesas Technology Corp HD6433801 Datasheet HTML 5Page - Renesas Technology Corp HD6433801 Datasheet HTML 6Page - Renesas Technology Corp HD6433801 Datasheet HTML 7Page - Renesas Technology Corp HD6433801 Datasheet HTML 8Page - Renesas Technology Corp HD6433801 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 555 page
background image
Rev. 6.00 Mar 15, 2005 page v of l
Preface
The H8/3802 Group, H8/38004 Group, and H8/38104 Group are single-chip microcomputers
made up of the high-speed H8/300L CPU employing Renesas technology’s original architecture as
their cores, and the peripheral functions required to configure a system. The H8/300L CPU has an
instruction set that is compatible with the H8/300 CPU. Below is a table listing the product
specifications for each group.
H8/3802 Group
H8/38004 Group
H8/38002S
Group
H8/38104 Group
Item
ZTAT
Mask ROM Flash ROM Mask ROM
Mask ROM Flash ROM Mask ROM
Memory
ROM
16 k
8 k to 16 k
16 k/32 k
32 k
8 k to 16 k
16 k/32 k
8 k to 32 k
RAM
1 k
512 or 1 k
1 k
1 k
512 k
1 k
512 or 1 k
4.5 to 5.5 V
16 MHz
16 MHz
16 MHz
20 MHz
20 MHz
2.7 to 5.5 V
10 MHz
10 MHz
16 MHz
20 MHz
20 MHz
1.8 to 5.5 V
4 MHz
4 MHz
2.7 to 3.6 V
10 MHz
10 MHz
Operating
voltage
and
operating
frequency
1.8 to 3.6 V
4 MHz (2.2 V
or more)
—4 MHz
I/O ports
Input
9
9
9
9
9
9
9
Output
66
6
5
65
5
I/O
39
39
39
39
39
39
39
Timers
Clock (timer A)
1
1
1
1
1
1
1
Compare (timer F)
1
1
1
1
1
1
1
AEC
11
1
1
11
1
WDT
1
1
WDT (discrete)
1
1
1
SCI
UART/Clock
frequency
1 ch
1 ch
1 ch
1 ch
1 ch
1 ch
1 ch
A-D (resolution
× input
channels)
10 bit
× 4 ch 10 bit × 4 ch 10 bit × 4 ch 10 bit × 4 ch 10 bit × 4 ch 10 bit × 4 ch 10 bit × 4 ch
LCD
seg
25
25
25
25
25
25
25
com
4
44
44
44
External interrupt
(internal wakeup)
11(8)
11(8)
11(8)
11(8)
11(8)
11(8)
11(8)
POR (power-on reset)
—————
1
1
LVD
—————
1
1
Package
FP-64A
FP-64A
FP-64A
FP-64A
FP-64A
FP-64A
FP-64A
FP-64E
FP-64E
FP-64E
FP-64E
FP-64K*
FP-64E
FP-64E
DP-64S
DP-64S
die
die
Operating temperature
Standard specifications: –20 to 75
°C, WTR: –40 to 85°C
Note: * Under development.


Similar Part No. - HD6433801

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD6433801 HITACHI-HD6433801 Datasheet
1Mb / 435P
   Single-Chip Microcomputer
HD6433801FP HITACHI-HD6433801FP Datasheet
1Mb / 435P
   Single-Chip Microcomputer
HD6433801H HITACHI-HD6433801H Datasheet
1Mb / 435P
   Single-Chip Microcomputer
HD6433801P HITACHI-HD6433801P Datasheet
1Mb / 435P
   Single-Chip Microcomputer
More results

Similar Description - HD6433801

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H838024 RENESAS-H838024_10 Datasheet
4Mb / 684P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
H83802 RENESAS-H83802_10 Datasheet
3Mb / 546P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
HD6473847RHV RENESAS-HD6473847RHV Datasheet
3Mb / 546P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
H83847R RENESAS-H83847R Datasheet
5Mb / 719P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
H83827R RENESAS-H83827R Datasheet
5Mb / 663P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
H83724 RENESAS-H83724 Datasheet
1Mb / 352P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Series
HD64F38024HV RENESAS-HD64F38024HV Datasheet
4Mb / 684P
   Hardware Manual Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
HD64F3644HV RENESAS-HD64F3644HV Datasheet
3Mb / 551P
   Hardware Manual Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Series
H838086R RENESAS-H838086R Datasheet
3Mb / 697P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
H838076R RENESAS-H838076R Datasheet
4Mb / 669P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com