Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6432675 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HD6432675
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
Download  979 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432675 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HD6432675 Datasheet HTML 7Page - Renesas Technology Corp HD6432675 Datasheet HTML 8Page - Renesas Technology Corp HD6432675 Datasheet HTML 9Page - Renesas Technology Corp HD6432675 Datasheet HTML 10Page - Renesas Technology Corp HD6432675 Datasheet HTML 11Page - Renesas Technology Corp HD6432675 Datasheet HTML 12Page - Renesas Technology Corp HD6432675 Datasheet HTML 13Page - Renesas Technology Corp HD6432675 Datasheet HTML 14Page - Renesas Technology Corp HD6432675 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 979 page
background image
Rev. 3.00 Mar 17, 2006 page xi of l
Item
Page
Revision (See Manual for Details)
21.2.1 Connecting a
Crystal Resonator
814
Description amended
... shown in table 21.2. When a crystal resonator is used, the
range of its frequencies is from 8 to 25 MHz.
21.2.2 External Clock
Input
815
Description amended
... for the external clock. When an external clock is used, the
range of its frequencies is from 8 to 25 MHz.
24.6 Flash Memory
Characteristics
Table 24.13 Flash
Memory
Characteristics
907,
908
Table 24.13 amended and notes *7, *8, *9 added
Item
Symbol
Min
Typ
Max
Unit
Test
Conditions
Programming time*
1
*2 *4
t
P
10
200
ms/
128 bytes
Erase time*
1
*3 *6
t
E
50
1000
ms/
128 bytes
Reprogramming count
N
WEC
100*
7
10,000*
8
Times
Data retention time*
9
t
DRP
10
Years
Programming Wait time after SWE bit setting*
1
x1
——
µs
Notes: 7. Minimum number of times for which all
characteristics are guaranteed after rewriting (Guarantee
range is 1 to minimum value).
8. Reference value for 25°C (as a guideline, rewriting should
normally function up to this value).
9. Data retention characteristic when rewriting is performed
within the specification range, including the minimum value.
C. Package
Dimensions
Figure C.1 Package
Dimensions
(FP-144H)
919
Figure C.1 replaced
Figure C.2 Package
Dimensions
(FP-144G)
920
Figure C.2 replaced


Similar Part No. - HD6432675

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6432601 RENESAS-HD6432601 Datasheet
2Mb / 492P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
HD6432602 RENESAS-HD6432602 Datasheet
2Mb / 492P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
HD6432603 RENESAS-HD6432603 Datasheet
3Mb / 574P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
HD6432604 RENESAS-HD6432604 Datasheet
3Mb / 574P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
HD6432605 RENESAS-HD6432605 Datasheet
4Mb / 710P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
More results

Similar Description - HD6432675

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S39 RENESAS-H8S39 Datasheet
9Mb / 1512P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2639 RENESAS-H8S2639 Datasheet
9Mb / 1547P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2643 RENESAS-H8S2643 Datasheet
6Mb / 1277P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
HD6417750RF240V RENESAS-HD6417750RF240V Datasheet
3Mb / 606P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2668 RENESAS-H8S2668 Datasheet
3Mb / 667P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2649 RENESAS-H8S2649 Datasheet
4Mb / 766P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2628 RENESAS-H8S2628_10 Datasheet
4Mb / 658P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
HD64F2636F20 RENESAS-HD64F2636F20 Datasheet
9Mb / 1512P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2615 RENESAS-H8S2615 Datasheet
2Mb / 479P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2633 RENESAS-H8S2633 Datasheet
7Mb / 1487P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2646 RENESAS-H8S2646 Datasheet
5Mb / 1165P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com