Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8S2628 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # H8S2628
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
Download  641 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2628 Datasheet(HTML) 3 Page - Renesas Technology Corp

  H8S2628 Datasheet HTML 1Page - Renesas Technology Corp H8S2628 Datasheet HTML 2Page - Renesas Technology Corp H8S2628 Datasheet HTML 3Page - Renesas Technology Corp H8S2628 Datasheet HTML 4Page - Renesas Technology Corp H8S2628 Datasheet HTML 5Page - Renesas Technology Corp H8S2628 Datasheet HTML 6Page - Renesas Technology Corp H8S2628 Datasheet HTML 7Page - Renesas Technology Corp H8S2628 Datasheet HTML 8Page - Renesas Technology Corp H8S2628 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 641 page
background image
Rev. 3.00 Oct 04, 2005 page iii of xl
General Precautions on Handling of Product
1. Treatment of NC Pins
Note:
Do not connect anything to the NC pins.
The NC (not connected) pins are either not connected to any of the internal circuitry or are
used as test pins or to reduce noise. If something is connected to the NC pins, the
operation of the LSI is not guaranteed.
2. Treatment of Unused Input Pins
Note:
Fix all unused input pins to high or low level.
Generally, the input pins of CMOS products are high-impedance input pins. If unused pins
are in their open states, intermediate levels are induced by noise in the vicinity, a pass-
through current flows internally, and a malfunction may occur.
3. Processing before Initialization
Note:
When power is first supplied, the product’s state is undefined.
The states of internal circuits are undefined until full power is supplied throughout the
chip and a low level is input on the reset pin. During the period where the states are
undefined, the register settings and the output state of each pin are also undefined. Design
your system so that it does not malfunction because of processing while it is in this
undefined state. For those products which have a reset function, reset the LSI immediately
after the power supply has been turned on.
4. Prohibition of Access to Undefined or Reserved Addresses
Note:
Access to undefined or reserved addresses is prohibited.
The undefined or reserved addresses may be used to expand functions, or test registers
may have been be allocated to these addresses. Do not access these registers; the system’s
operation is not guaranteed if they are accessed.


Similar Part No. - H8S2628

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2628 RENESAS-H8S2628 Datasheet
4Mb / 658P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2628 RENESAS-H8S2628_10 Datasheet
4Mb / 658P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
More results

Similar Description - H8S2628

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S39 RENESAS-H8S39 Datasheet
9Mb / 1512P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2639 RENESAS-H8S2639 Datasheet
9Mb / 1547P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2643 RENESAS-H8S2643 Datasheet
6Mb / 1277P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
HD6417750RF240V RENESAS-HD6417750RF240V Datasheet
3Mb / 606P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2668 RENESAS-H8S2668 Datasheet
3Mb / 667P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2649 RENESAS-H8S2649 Datasheet
4Mb / 766P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2628 RENESAS-H8S2628_10 Datasheet
4Mb / 658P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
HD64F2636F20 RENESAS-HD64F2636F20 Datasheet
9Mb / 1512P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2615 RENESAS-H8S2615 Datasheet
2Mb / 479P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2633 RENESAS-H8S2633 Datasheet
7Mb / 1487P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
H8S2646 RENESAS-H8S2646 Datasheet
5Mb / 1165P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com