Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H8S2374 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # H8S2374
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
Download  1203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2374 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button H8S2374 Datasheet HTML 7Page - Renesas Technology Corp H8S2374 Datasheet HTML 8Page - Renesas Technology Corp H8S2374 Datasheet HTML 9Page - Renesas Technology Corp H8S2374 Datasheet HTML 10Page - Renesas Technology Corp H8S2374 Datasheet HTML 11Page - Renesas Technology Corp H8S2374 Datasheet HTML 12Page - Renesas Technology Corp H8S2374 Datasheet HTML 13Page - Renesas Technology Corp H8S2374 Datasheet HTML 14Page - Renesas Technology Corp H8S2374 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 1203 page
background image
Rev. 6.00 Jul 19, 2006 page xi of lxiv
Item
Page
Revision (See Manual for Details)
10.15.5 Pin Functions
539
• PG3/CS3/RAS3/CAS
• PG2/CS2/RAS2/RAS
Note * amended
Note: * Not used in the H8S/2378 0.18
µm F-ZTAT Group,
H8S/2377, H8S/2375, and H8S/2373.
541
Table amended
Modes 7 (when EXPE = 1), 1*
3, 2*3, and 4
10.16.1 Port H Data
Direction Register
(PHDDR)
Note 1 amended
Note: 1. Not used in the H8S/2378 0.18
µm F-ZTAT Group,
H8S/2377, H8S/2375, and H8S/2373.
10.16.4 Pin Functions
543,
544
• PH3/
CS7/OE/CKE/(IRQ7)
• PH1/
CS5/RAS5/SDRAMφ
• PH0/
CS4/RAS4/WE
Note 2 amended
Note: 2. Not used in the H8S/2378 0.18
µm F-ZTAT Group,
H8S/2377, H8S/2375, and H8S/2373.
15.3.9 Bit Rate
Register (BRR)
Table 15.3 BRR
Settings for Various Bit
Rates (Asynchronous
Mode)
712
Table 15.3 amended
Operating Frequency
φ (MHz)
8
9.8304
10
12
Bit Rate
(bit/s)
n
N
Error
(%)
n
n
n
N
Error
(%)
N
Error
(%)
N
Error
(%)
4800
0
51
0.16
0
63
0.00
0
64
0.16
0
77
0.16
9600
0
25
0.16
0
31
0.00
0
32
–1.38
0
38
0.16
19200
0
12
0.16
0
15
0.00
0
15
1.700
19
–2.40
31250
0
7
0.00
0
9
–1.73
0
9
0.00
0
11
0.00
38400

070.00
0
71.700
9
–2.40
Operating Frequency
φ (MHz)
12.288
14
14.7456
16
Bit Rate
(bit/s)
n
Error
(%)
Nn
n
n
N
Error
(%)
N
Error
(%)
N
Error
(%)
110
2
217
0.08
2
248
–0.17
3
64
0.69
3
70
0.03
9600
0
39
0.00
0
45
–0.94
0
47
0.00
0
51
0.16
19200
0
19
0.00
0
22
–0.94
0
23
0.00
0
25
0.16
31250
0
11
2.34
0
13
0.00
0
14
–1.73
0
15
0.00
38400
0
9
0.00

0
11
0.00
0
12
0.16


Similar Part No. - H8S2374

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2319 RENESAS-H8S2319 Datasheet
5Mb / 1144P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2320 RENESAS-H8S2320 Datasheet
6Mb / 1302P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2321 RENESAS-H8S2321 Datasheet
6Mb / 1302P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2322R RENESAS-H8S2322R Datasheet
6Mb / 1302P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2323 RENESAS-H8S2323 Datasheet
6Mb / 1302P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
More results

Similar Description - H8S2374

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S-2329 RENESAS-H8S-2329 Datasheet
6Mb / 1302P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2300 Series
H8S2339 RENESAS-H8S2339 Datasheet
5Mb / 1244P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2368 RENESAS-H8S2368 Datasheet
6Mb / 1037P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S78 RENESAS-H8S78 Datasheet
8Mb / 1208P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2357 RENESAS-H8S2357 Datasheet
4Mb / 1047P
   RENESAS 46-BIT SINGLE-CHIP MICROCOMPUTER H8S FAMILY/H8S/2300 SERIES
DF2328BVTE25V RENESAS-DF2328BVTE25V Datasheet
7Mb / 1304P
   Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
HD64F2357F20V RENESAS-HD64F2357F20V Datasheet
4Mb / 1049P
   Hardware Manual Renesas 16-Bit Single-chip Microcomputer H8S Family / H8S/2300 Series
H8S2319 RENESAS-H8S2319 Datasheet
5Mb / 1144P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2329 RENESAS-H8S2329 Datasheet
6Mb / 1302P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S39 RENESAS-H8S39 Datasheet
9Mb / 1512P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com