Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6433823R Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD6433823R
Description  Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
Download  663 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433823R Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD6433823R Datasheet HTML 4Page - Renesas Technology Corp HD6433823R Datasheet HTML 5Page - Renesas Technology Corp HD6433823R Datasheet HTML 6Page - Renesas Technology Corp HD6433823R Datasheet HTML 7Page - Renesas Technology Corp HD6433823R Datasheet HTML 8Page - Renesas Technology Corp HD6433823R Datasheet HTML 9Page - Renesas Technology Corp HD6433823R Datasheet HTML 10Page - Renesas Technology Corp HD6433823R Datasheet HTML 11Page - Renesas Technology Corp HD6433823R Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 663 page
background image
Rev. 6.00 Aug 04, 2006 page viii of xxxiv
Item
Page
Revision (See Manual for Details)
8.3.4 Pin States
Table 8.7 Port 3 Pin
States
211
Table and notes amended
Pins
Reset
Sleep
Subsleep
Standby
Watch
Subactive
Active
P37/AEVL
P36/AEVH
P35/TXD31
P34/RXD31
P33/SCK31
High-
impedance
Retains
previous
state
Retains
previous
state
High-
impedance*
1
Retains
previous
state
Functional
Functional
P32/
RESO*2
RESO
output
P32*
4
Pull-up
MOS on
P32*
3
P31/UD*
2
P31/UD/EXCL*
3*4
P30/PWM
High-
impedance
Notes: 1. A high-level signal is output when the MOS pull-up is in the on state.
2. Applies to H8/3827R Group and H8/3827S Group.
3. Applies to the mask ROM version of the H8/38327 Group and H8/38427 Group.
4. Applies to the F-ZTAT version of the H8/38327 Group and H8/38427 Group.
8.12.1 The
Management of the
Un-Use Terminal
236
Description amended
• If an unused pin is an output pin, handle it in one of the
following ways:
 Set the output of the unused pin to high and pull it up to
VCC with an external resistor of approximately 100 kΩ
.
 Set the output of the unused pin to low and pull it down to
Vss with an external resistor of approximately 100 kΩ.
C.2 Block Diagrams
of Port 3
Figure C.2 (e-2)
Port 3 Block Diagram
(Pin P32 in the Mask
ROM Version of the
H8/38327 Group and
H8/38427 Group)
593
Figure title amended
Figure C.2 (e-3)
Port 3 Block Diagram
(Pin P32 in the F-ZTAT
Version of the
H8/38327 Group and
H8/38427 Group)
594
Newly added


Similar Part No. - HD6433823R

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD6433800 HITACHI-HD6433800 Datasheet
1Mb / 435P
   Single-Chip Microcomputer
logo
Renesas Technology Corp
HD6433800 RENESAS-HD6433800 Datasheet
3Mb / 555P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
HD64338000 RENESAS-HD64338000 Datasheet
3Mb / 555P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
HD64338000S RENESAS-HD64338000S Datasheet
3Mb / 555P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
HD64338001 RENESAS-HD64338001 Datasheet
3Mb / 555P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
More results

Similar Description - HD6433823R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H838024 RENESAS-H838024_10 Datasheet
4Mb / 684P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
H83802 RENESAS-H83802_10 Datasheet
3Mb / 546P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
HD6473847RHV RENESAS-HD6473847RHV Datasheet
3Mb / 546P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
H83847R RENESAS-H83847R Datasheet
5Mb / 719P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
H83802 RENESAS-H83802 Datasheet
3Mb / 555P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family / H8/300L Super Low Power Series
H83724 RENESAS-H83724 Datasheet
1Mb / 352P
   Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Series
HD64F38024HV RENESAS-HD64F38024HV Datasheet
4Mb / 684P
   Hardware Manual Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
HD64F3644HV RENESAS-HD64F3644HV Datasheet
3Mb / 551P
   Hardware Manual Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Series
H838086R RENESAS-H838086R Datasheet
3Mb / 697P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
H838076R RENESAS-H838076R Datasheet
4Mb / 669P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com