Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6432236RW Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HD6432236RW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
Download  1071 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432236RW Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD6432236RW Datasheet HTML 6Page - Renesas Technology Corp HD6432236RW Datasheet HTML 7Page - Renesas Technology Corp HD6432236RW Datasheet HTML 8Page - Renesas Technology Corp HD6432236RW Datasheet HTML 9Page - Renesas Technology Corp HD6432236RW Datasheet HTML 10Page - Renesas Technology Corp HD6432236RW Datasheet HTML 11Page - Renesas Technology Corp HD6432236RW Datasheet HTML 12Page - Renesas Technology Corp HD6432236RW Datasheet HTML 13Page - Renesas Technology Corp HD6432236RW Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 1071 page
background image
Rev. 5.00 Aug 08, 2006 page x of lxxxvi
Item
Page
Revision (See Manual for Details)
1.3.1 Pin Arrangement
Figure 1.16 Pin
Arrangement of H8S/2227
Group (FP-100A, FP-100AV:
Top View, Only for
HD6432227)
19
Figure 1.16 title amended
Table 1.3 Pin Arrangements
in Each Mode of H8S/2238
Group
33
Notes amended
Notes: 1. Supported only by H8S/2238B and H8S/2236B.
2. Supported only by the HD64F2238R.
3. VCC in the H8S/2238B and H8S/2236B.
1.3.2 Pin Arrangement in
Each Mode
Table 1.5 Pin Arrangements
in Each Mode of H8S/2227
Group
39 to
43
Table 1.5 amended
FP-100B*
1
FP-100BV*
1
FP-100A*
2
FP-100BAV*
2
41
Table 1.5 amended
Pin No.
Pin Name
TFP-100B
TFP-100BV
TFP-100G
TFP-100GV
FP-100B*
1
FP-100BV*
1
FP-100A*
2
FP-100AV*
2 Mode 4
Mode 5
Mode 6
Mode 7
Flash Memory
Programmable
Mode
57
60
OSC2
OSC2
OSC2
OSC2
NC
58
61
OSC1
OSC1
OSC1
OSC1
VSS
59
62
RES
RES
RES
RES
RES
43
Note 2 added
Notes: 1. Supported only by masked ROM version.
2. Supported only by the HD6432227.
45
Table 1.6 amended
RES* STBY* NMI*
1.3.3 Pin Functions
Table 1.6 Pin Functions of
H8S/2258 Group
49
Note: * Measures should be taken to deal with noise, which
can cause operation errors otherwise.
Table 1.7 Pin Functions of
H8S/2239 Group and
H8S/2238 Group
50
Table 1.7 amended
CVCC in power supply
... (H8S/2239, H8S/2378R, and H8S/2236R used), ...
51
Table 1.7 amended
RES*5 STBY*5 NMI*5


Similar Part No. - HD6432236RW

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6432236R RENESAS-HD6432236R Datasheet
6Mb / 1071P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
More results

Similar Description - HD6432236RW

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2268 RENESAS-H8S2268_09 Datasheet
4Mb / 712P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S14 RENESAS-H8S14 Datasheet
5Mb / 938P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S18 RENESAS-H8S18 Datasheet
5Mb / 758P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S-2218 RENESAS-H8S-2218 Datasheet
4Mb / 750P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
H8S2215 RENESAS-H8S2215 Datasheet
4Mb / 878P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S-2268 RENESAS-H8S-2268 Datasheet
4Mb / 725P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
H8S15 RENESAS-H8S15 Datasheet
5Mb / 904P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2245 RENESAS-H8S2245 Datasheet
3Mb / 818P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
H8S2268 RENESAS-H8S2268 Datasheet
4Mb / 725P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2214 RENESAS-H8S2214 Datasheet
5Mb / 936P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com