Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2361 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HD64F2361
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
Download  1037 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2361 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD64F2361 Datasheet HTML 6Page - Renesas Technology Corp HD64F2361 Datasheet HTML 7Page - Renesas Technology Corp HD64F2361 Datasheet HTML 8Page - Renesas Technology Corp HD64F2361 Datasheet HTML 9Page - Renesas Technology Corp HD64F2361 Datasheet HTML 10Page - Renesas Technology Corp HD64F2361 Datasheet HTML 11Page - Renesas Technology Corp HD64F2361 Datasheet HTML 12Page - Renesas Technology Corp HD64F2361 Datasheet HTML 13Page - Renesas Technology Corp HD64F2361 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 1037 page
background image
Rev. 5.00 Aug 02, 2006 page x of liv
Item
Page Revision (See Manual for Details)
14.3.9 Bit Rate Register
(BRR)
Table 14.4 Maximum Bit
Rate for Each Frequency
(Asynchronous Mode)
567
Note * amended
Note: * Supported only by the H8S/2368 0.18
µm F-ZTAT
Group.
Table 14.5 Maximum Bit
Rate for Each Frequency
(Asynchronous Mode)
568
Note * amended
Note: * Supported only by the H8S/2368 0.18
µm F-ZTAT
Group.
Table 14.6 BRR Settings
for Various Bit Rates
(Clocked Synchronous
Mode)
569
Note 1 amended
Note: 1. Supported only by the H8S/2368 0.18
µm F-ZTAT
Group.
Table 14.7 Maximum Bit
Rate with External Clock
Input (Clocked
Synchronous Mode)
570
Note * amended
Note: * Supported only by the H8S/2368 0.18
µm F-ZTAT
Group.
Table 14.8 Examples of
Bit Rate for Various BRR
Settings (Smart Card
Interface Mode) (when n =
0 and S = 372)
571
Note * amended
Note: * Supported only by the H8S/2368 0.18
µm F-ZTAT
Group.
Table 14.9 Maximum Bit
Rate at Various
Frequencies (Smart Card
Interface Mode) (when S =
372)
572
Note * amended
Note: * Supported only by the H8S/2368 0.18
µm F-ZTAT
Group.
14.8 IrDA Operation
Table 14.12 Settings of
Bits IrCKS2 to IrCKS0
618
Note * amended
Note: * Supported only by the H8S/2368 0.18
µm F-ZTAT
Group.
15.3.1 I
2C Bus Control
Register A (ICCRA)
Table 15.2 Transfer Rate
634
Note 1 amended
Note: 1. Supported only by the H8S/2368 0.18
µm F-ZTAT
Group.


Similar Part No. - HD64F2361

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F2361 RENESAS-HD64F2361 Datasheet
6Mb / 1044P
   Renesas 16-Bit Single-Chip MicrocomputerH8S Family/H8S/2300 Series
More results

Similar Description - HD64F2361

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2378 RENESAS-H8S2378 Datasheet
7Mb / 1203P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S-2329 RENESAS-H8S-2329 Datasheet
6Mb / 1302P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2300 Series
H8S2339 RENESAS-H8S2339 Datasheet
5Mb / 1244P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S78 RENESAS-H8S78 Datasheet
8Mb / 1208P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2357 RENESAS-H8S2357 Datasheet
4Mb / 1047P
   RENESAS 46-BIT SINGLE-CHIP MICROCOMPUTER H8S FAMILY/H8S/2300 SERIES
DF2328BVTE25V RENESAS-DF2328BVTE25V Datasheet
7Mb / 1304P
   Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
HD64F2357F20V RENESAS-HD64F2357F20V Datasheet
4Mb / 1049P
   Hardware Manual Renesas 16-Bit Single-chip Microcomputer H8S Family / H8S/2300 Series
H8S2319 RENESAS-H8S2319 Datasheet
5Mb / 1144P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S2329 RENESAS-H8S2329 Datasheet
6Mb / 1302P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2300 Series
H8S39 RENESAS-H8S39 Datasheet
9Mb / 1512P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com