Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7280 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7280
Description  LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7280 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS7280 Datasheet HTML 6Page - Texas Instruments ADS7280 Datasheet HTML 7Page - Texas Instruments ADS7280 Datasheet HTML 8Page - Texas Instruments ADS7280 Datasheet HTML 9Page - Texas Instruments ADS7280 Datasheet HTML 10Page - Texas Instruments ADS7280 Datasheet HTML 11Page - Texas Instruments ADS7280 Datasheet HTML 12Page - Texas Instruments ADS7280 Datasheet HTML 13Page - Texas Instruments ADS7280 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
ADS7279
ADS7280
SBAS436 – MAY 2008........................................................................................................................................................................................................ www.ti.com
ADS7279 Terminal Functions
NO.
NAME
QFN
TSSOP
I/O
DESCRIPTION
AGND
15
5
Analog ground
BDGND
8
14
Interface ground
CONVST
3
9
I
Freezes sample-and-hold, starts conversion with next rising edge of internal clock
Status output. If programmed as EOC, this pin is low (default) when a conversion is in
progress. If programmed as an interrupt (INT), this pin is low for a preprogrammed
EOC/ INT/ CDI
4
10
I/O
duration after the end of conversion and valid data are to be output. The polarity of
EOC or INT is programmable. This pin can also be used as a chain data input when
the device is operated in daisy-chain mode.
Frame sync signal for TMS320 DSP serial interface or chip select input for SPI
FS/CS
5
11
I
interface slave select (SS–).
+IN
13
3
I
Noninverting input
–IN
14
4
I
Inverting input; usually connected to ground
NC
2
8
No connection
REF+ (REFIN)
1
7
I
External reference input
REF–
16
6
I
Connect to AGND through individual via
RESERVED
12
2
I
Connect to AGND or +VA
SCLK
9
15
I
Clock for serial interface
SDI
6
12
I
Serial data in
SDO
7
13
O
Serial data out
+VA
11
1
Analog supply, +2.7V to +5.5VDC
+VBD
10
16
Interface supply
ADS7280 Terminal Functions
NO.
NAME
QFN
TSSOP
I/O
DESCRIPTION
AGND
15
5
Analog ground
BDGND
8
14
Interface ground
COM
14
4
I
Common inverting input; usually connected to ground
CONVST
3
9
I
Freezes sample-and-hold, starts conversion with next rising edge of internal clock
Status output. If programmed as EOC, this pin is low (default) when a conversion is in
progress. If programmed as an interrupt (INT), this pin is low for a preprogrammed
EOC/ INT/ CDI
4
10
I/O
duration after the end of conversion and valid data are to be output. The polarity of
EOC or INT is programmable. This pin can also be used as a chain data input when
the device is operated in daisy-chain mode.
Frame sync signal for TMS320 DSP serial interface or chip select input for SPI
FS/CS
5
11
I
interface
+IN1
12
2
I
Second noninverting input
+IN0
13
3
I
First noninverting input
NC
2
8
No connection.
REF+ (REFIN)
1
7
I
External reference input
REF–
16
6
I
Connect to AGND through individual via
SCLK
9
15
I
Clock for serial interface
SDI
6
12
I
Serial data in (conversion start and reset possible)
SDO
7
13
O
Serial data out
+VA
11
1
Analog supply, +2.7V to +5.5VDC
+VBD
10
16
Interface supply
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS7279 ADS7280


Similar Part No. - ADS7280

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7280 TI-ADS7280 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7280 TI1-ADS7280 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7280IPW TI1-ADS7280IPW Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7280IPWG4 TI1-ADS7280IPWG4 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7280IPWR TI1-ADS7280IPWR Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results

Similar Description - ADS7280

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7279 TI1-ADS7279_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7229 TI-ADS7229 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7229 TI1-ADS7229_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8330 TI-ADS8330 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_14 Datasheet
2Mb / 51P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI1-ADS8327_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8329 BURR-BROWN-ADS8329 Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8329 TI-ADS8329 Datasheet
1Mb / 40P
[Old version datasheet]   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI-ADS8327_13 Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_16 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com