Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ78PL114S10RGZT Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ78PL114S10RGZT
Description  PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ78PL114S10RGZT Datasheet(HTML) 1 Page - Texas Instruments

  BQ78PL114S10RGZT Datasheet HTML 1Page - Texas Instruments BQ78PL114S10RGZT Datasheet HTML 2Page - Texas Instruments BQ78PL114S10RGZT Datasheet HTML 3Page - Texas Instruments BQ78PL114S10RGZT Datasheet HTML 4Page - Texas Instruments BQ78PL114S10RGZT Datasheet HTML 5Page - Texas Instruments BQ78PL114S10RGZT Datasheet HTML 6Page - Texas Instruments BQ78PL114S10RGZT Datasheet HTML 7Page - Texas Instruments BQ78PL114S10RGZT Datasheet HTML 8Page - Texas Instruments BQ78PL114S10RGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
bq78PL114
www.ti.com .................................................................................................................................... SLUS850A – SEPTEMBER 2008 – REVISED SEPTEMBER 2008
PowerLAN™ Master Gateway Battery Management Controller
With PowerPump™ Cell Balancing Technology
• Portable Medical Instruments and Test
23
• Designed for Managing up to 12 Series Cell
Equipment
Battery Systems
• Mobility Devices (E-Bike)
• SmartSafety Features:
• Uninterruptible Power Supplies and Hand-Held
Prevention: Optimal Cell Management
Tools
Diagnosis: Improved Sensing of Cell
Problems
Fail Safe: Detection of Event Precursors
The bq78PL114 master gateway battery controller is
• Rate-of-Change Detection of All Important Cell
part of a complete Li-Ion control, monitoring, and
Characteristics:
safety solution designed for large series cell strings.
Voltage
The bq78PL114, along with PowerLAN cell monitors,
Impedance
provides
complete
battery
system
control,
communications, and safety functions for a structure
Cell Temperature
of three to 12 series cells. This PowerLAN system
• PowerPump Technology Transfers Charge
provides simultaneous, synchronized voltage and
Efficiently From Cell to Cell During All
temperature measurements using one-ADC-per-cell
Operating Conditions, Resulting in Longer
technology.
Voltage
measurements
are
also
Run Time and Cell Life
synchronized
with
pack
current
measurements,
eliminating
system-induced
noise
from
• High-Resolution 18-Bit Integrating Delta-Sigma
measurements. This allows the precise, continuous,
Coulomb Counter for Precise Charge-Flow
real-time calculation of cell impedance under all
Measurements and Gas Gauging
operating conditions, even during widely fluctuating
• Multiple Independent Δ-Σ ADCs: One-per-Cell
load conditions.
Voltage, Plus Separate Temperature, Current,
PowerPump technology transfers charge between
and Safety
cells to balance their voltage and capacity. Balancing
• Simultaneous, Synchronous Measurement of
is
possible
during
all
battery
modes:
charge,
Pack Current and Individual Cell Voltages
discharge, and rest. Highly efficient charge-transfer
• Very Low Power Consumption: < 250 µA
circuitry nearly eliminates energy loss while providing
Active, < 150
µA Standby, < 40 µA Ship, and
true real-time balance between cells, resulting in
longer run-time and improved cycle life.
< 1-
µA Undervoltage Shutdown
• Accurate, Advanced Temperature Monitoring
Temperature is sensed by up to six external sensors.
of Cells and MOSFETs With up to Six Sensors
This permits accurate temperature monitoring of each
cell individually. Firmware is then able to compensate
• Fail-Safe Operation of Pack Protection
for the temperature-induced effects on capacity,
Circuits: Up to Three Power MOSFETs and
impedance, and OCV on a cell-by-cell basis, resulting
One Secondary Safety Output (Fuse)
in superior charge/ discharge and balancing control.
• Fully Programmable Voltage, Current, Balance,
External
MOSFET
control
inputs
provide
user-
and Temperature-Protection Features
definable direct hardware control over MOSFET
• External Inputs for Auxiliary MOSFET Control
states. Smart control prevents excessive current
• Smart Battery System 1.1 Compliant via
through MOSFET body diodes. Auxiliary inputs can
be used for enhanced safety and control in large
SMBus or SPI Interface With SHA-1
multicell arrays.
Authentication Option
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerLAN, PowerPump, bqWizard are trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ78PL114S10RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78PL114 TI-BQ78PL114 Datasheet
592Kb / 31P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller With PowerPump??Cell Balancing Technology
BQ78PL114RGZR TI-BQ78PL114RGZR Datasheet
592Kb / 31P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller With PowerPump??Cell Balancing Technology
BQ78PL114RGZT TI-BQ78PL114RGZT Datasheet
592Kb / 31P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller With PowerPump??Cell Balancing Technology
BQ78PL114 TI-BQ78PL114_09 Datasheet
592Kb / 31P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller With PowerPump??Cell Balancing Technology
More results

Similar Description - BQ78PL114S10RGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78PL114 TI-BQ78PL114_09 Datasheet
592Kb / 31P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller With PowerPump??Cell Balancing Technology
BQ78PL116 TI-BQ78PL116 Datasheet
456Kb / 34P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller
BQ78PL116 TI1-BQ78PL116_15 Datasheet
1,010Kb / 37P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller
BQ6400 TI-BQ6400 Datasheet
282Kb / 17P
[Old version datasheet]   Single Chip 3 or 4 Cell Li-Ion Battery Management Controller With PowerPump??Cell Balancing Technology
logo
NXP Semiconductors
MC33665A NXP-MC33665A Datasheet
136Kb / 9P
   Battery management communication gateway
Rev. 3 - 29 July 2022
logo
Texas Instruments
BQ76PL102 TI-BQ76PL102 Datasheet
979Kb / 18P
[Old version datasheet]   PowerLAN Dual-Cell Li-Ion Battery Monitor With PowerPump Cell Balancing
logo
Aeroflex Circuit Techno...
BEU8635-24 AEROFLEX-BEU8635-24 Datasheet
212Kb / 8P
   Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-08 AEROFLEX-BEU8635-08 Datasheet
211Kb / 8P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-12 AEROFLEX-BEU8635-12 Datasheet
212Kb / 8P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry
logo
Analog Devices
AD7280A AD-AD7280A Datasheet
870Kb / 48P
   Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com