Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27500DRZT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27500DRZT
Description  System-Side Impedance TracTM Fuel Gauge
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27500DRZT Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ27500DRZT Datasheet HTML 2Page - Texas Instruments BQ27500DRZT Datasheet HTML 3Page - Texas Instruments BQ27500DRZT Datasheet HTML 4Page - Texas Instruments BQ27500DRZT Datasheet HTML 5Page - Texas Instruments BQ27500DRZT Datasheet HTML 6Page - Texas Instruments BQ27500DRZT Datasheet HTML 7Page - Texas Instruments BQ27500DRZT Datasheet HTML 8Page - Texas Instruments BQ27500DRZT Datasheet HTML 9Page - Texas Instruments BQ27500DRZT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
3.8
INTEGRATING ADC (COULOMB COUNTER) CHARACTERISTICS
3.9
ADC (TEMPERATURE AND CELL MEASUREMENT) CHARACTERISTICS
3.10
DATA FLASH MEMORY CHARACTERISTICS
3.11
I
2C-COMPATIBLE INTERFACE COMMUNICATION TIMING CHARACTERISTICS
bq27500
bq27501
System-Side Impedance Track™ Fuel Gauge
SLUS785D – SEPTEMBER 2007 – REVISED APRIL 2008
www.ti.com
TA = –40°C to 85°C, 2.4 V < VCC < 2.6 V; typical values at TA = 25°C and VCC = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSR
Input voltage range (VSR = V(SRN) – V(SRP))
–0.125
0.125
V
tSR_CONV
Conversion time
Single conversion
1
s
Resolution
14
15
bits
VSR_OS
Input offset
10
µV
INL
Integral nonlinearity error
±0.007 ±0.034
% FSR
ZSR_IN
Effective input resistance(1)
2.5
M
ISR_LKG
Input leakage current(1)
0.3
µA
(1)
Specified by design. Not tested in production.
TA = –40°C to 85°C, 2.4 V < VCC < 2.6 V; typical values at TA = 25°C and VCC = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VADC_IN
Input voltage range
–0.2
1
V
tADC_CONV
Conversion time
125
ms
Resolution
14
15
bits
VADC_OS
Input offset
1
mV
Effective input resistance (TS, RID
ZADC1
8
M
[bq27501 only])(1)
bq27500/1 not measuring cell voltage
8
M
ZADC2
Effective input resistance (BAT)(1)
bq27500/1 measuging cell voltage
100
k
IADC_LKG
Input leakage current(1)
0.3
µA
(1)
Specified by design. Not tested in production.
TA = –40°C to 85°C, 2.4 V < VCC < 2.6 V; typical values at TA = 25°C and VCC = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tON
Data retention(1)
10
Years
Flash-programming write cycles(1)
20,000
Cycles
tWORDPROG
Word programming time(1)
2
ms
ICCPROG
Flash-write supply current(1)
5
10
mA
(1)
Specified by design. Not production tested
TA = –40°C to 85°C, 2.4 V < VCC < 2.6 V; typical values at TA = 25°C and VCC = 2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
SCL/SDA rise time
1
µs
tf
SCL/SDA fall time
300
ns
tw(H)
SCL pulse duration (high)
4
µs
tw(L)
SCL pulse duration (low)
4.7
µs
tsu(STA)
Setup for repeated start
4.7
µs
td(STA)
Start to first falling edge of SCL
4
µs
tsu(DAT)
Data setup time
250
ns
ELECTRICAL SPECIFICATIONS
6
Submit Documentation Feedback


Similar Part No. - BQ27500DRZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27500DRZT TI-BQ27500DRZT Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500DRZT TI-BQ27500DRZT Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500DRZT-V100 TI-BQ27500DRZT-V100 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500DRZT-V120 TI-BQ27500DRZT-V120 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500DRZT-V120G4 TI-BQ27500DRZT-V120G4 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results

Similar Description - BQ27500DRZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500_08 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27426 TI1-BQ27426 Datasheet
920Kb / 25P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27500-V120 TI-BQ27500-V120 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com