Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ78PL114S12RGZR Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ78PL114S12RGZR
Description  PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ78PL114S12RGZR Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ78PL114S12RGZR Datasheet HTML 7Page - Texas Instruments BQ78PL114S12RGZR Datasheet HTML 8Page - Texas Instruments BQ78PL114S12RGZR Datasheet HTML 9Page - Texas Instruments BQ78PL114S12RGZR Datasheet HTML 10Page - Texas Instruments BQ78PL114S12RGZR Datasheet HTML 11Page - Texas Instruments BQ78PL114S12RGZR Datasheet HTML 12Page - Texas Instruments BQ78PL114S12RGZR Datasheet HTML 13Page - Texas Instruments BQ78PL114S12RGZR Datasheet HTML 14Page - Texas Instruments BQ78PL114S12RGZR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Lifetime Data Logging (Readable via SMBus or SPI)
Forensic Data Logging (Readable via SMBus or SPI)
Power Modes
OPERATION
bq78PL114
www.ti.com .................................................................................................................................... SLUS850A – SEPTEMBER 2008 – REVISED SEPTEMBER 2008
• Recording of faults, events, anomalies, minimum and maximum values
• Maximum/minimum temperature
• Maximum/minimum pack voltage
• Maximum/minimum cell voltages
• Maximum charge and discharge currents
• Last known full capacity of each cell
• Cycle count and/or cumulative number of ampere-hours delivered by the battery
• Battery pack status: being charged, discharged, or at rest
• Balancing effort required by each bank of cells to maintain balance
• Information for each cell bank for period leading up to failure
• Last 10 failures causing first-level safety action
• Forensic data up-loadable to host CPU via SMBus or SPI
• Forensic data recording of anomalies and events
• Normal Mode: The bq78PL114 performs measurements and calculations, makes decisions, and updates
internal data approximately once per second. All safety circuitry is fully functional in this mode.
• Standby Mode: The bq78PL114 performs as in normal mode, but at a dramatically reduced rate to lower
power consumption at times when the host computer is inactive or the battery system is not being used. All
safety circuitry remains fully functional in this mode.
• Ship Mode: The bq78PL114 disables (opens) all the protection MOSFETs, and continues to monitor
temperature and voltage, but at a reduced measurement rate to dramatically lower power consumption.
Environmental data is saved in flash as a part of the historical record. Safety circuitry is disabled in this mode.
The device does not enter this power state as a part of normal operation; it is intended for use after factory
programming and test. Entry occurs only after a unique SMBus or SPI command is issued. Exit occurs when
the SMBus or SPI lines return to an active state.
• Extreme Cell Undervoltage (ECUV) Shutdown Mode: In this mode, the bq78PL114 draws minimal current
and the charge and discharge protection MOSFETs are disabled (opened). The precharge MOSFET remains
enabled when a charge voltage is present. Safety circuitry is disabled in this mode. The device does not enter
this mode as a part of normal operation; it enters this state during extreme cell undervoltage conditions
(ECUV). The ECUV threshold is fully programmable below 2.7V.
CURRENT
OVERCURRENT
STATE
ENTRY CONDITION
EXIT CONDITION
DRAW (Typ)
PROTECTION
Normal operation as determined by
Firmware directed to the following
Active
< 250
µA
Fully active
firmware
operating modes
No load current flowing for
Standby
< 150
µA
Fully active
Load activity
predetermined time
Ship
< 40
µA
Not active
Protected SMBus or SPI command
SMBus or SPI becomes active
Not active
Extreme cell
Vcell charge above ECUV recovery
< 1
µA
(precharge
Enabled when Vcell < ECUV
undervoltage
threshold (2.7 V/cell typical)
enabled)
The bq78PL114 battery management controller serves as the master controller for a Li-Ion battery system
consisting of up to 12 cells in series. Any number may be connected in parallel; other system or safety issues
limit the number of parallel cells. The bq78PL114 provides extraordinarily precise state-of-charge gas gauging
along with first and second level pack safety functions. Voltage and current measurements are performed
synchronously and simultaneously for all cells in the system, allowing a level of precision not previously possible
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): bq78PL114


Similar Part No. - BQ78PL114S12RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78PL114 TI-BQ78PL114 Datasheet
592Kb / 31P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller With PowerPump??Cell Balancing Technology
BQ78PL114RGZR TI-BQ78PL114RGZR Datasheet
592Kb / 31P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller With PowerPump??Cell Balancing Technology
BQ78PL114RGZT TI-BQ78PL114RGZT Datasheet
592Kb / 31P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller With PowerPump??Cell Balancing Technology
BQ78PL114 TI-BQ78PL114_09 Datasheet
592Kb / 31P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller With PowerPump??Cell Balancing Technology
More results

Similar Description - BQ78PL114S12RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78PL114 TI-BQ78PL114_09 Datasheet
592Kb / 31P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller With PowerPump??Cell Balancing Technology
BQ78PL116 TI-BQ78PL116 Datasheet
456Kb / 34P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller
BQ78PL116 TI1-BQ78PL116_15 Datasheet
1,010Kb / 37P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller
BQ6400 TI-BQ6400 Datasheet
282Kb / 17P
[Old version datasheet]   Single Chip 3 or 4 Cell Li-Ion Battery Management Controller With PowerPump??Cell Balancing Technology
logo
NXP Semiconductors
MC33665A NXP-MC33665A Datasheet
136Kb / 9P
   Battery management communication gateway
Rev. 3 - 29 July 2022
logo
Texas Instruments
BQ76PL102 TI-BQ76PL102 Datasheet
979Kb / 18P
[Old version datasheet]   PowerLAN Dual-Cell Li-Ion Battery Monitor With PowerPump Cell Balancing
logo
Aeroflex Circuit Techno...
BEU8635-24 AEROFLEX-BEU8635-24 Datasheet
212Kb / 8P
   Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-08 AEROFLEX-BEU8635-08 Datasheet
211Kb / 8P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-12 AEROFLEX-BEU8635-12 Datasheet
212Kb / 8P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry
logo
Analog Devices
AD7280A AD-AD7280A Datasheet
870Kb / 48P
   Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com