Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA219AIDCNRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA219AIDCNRG4
Description  ZerO-Drift, Bi-Directional CURRENT/POWER MONITOR with I2TM Interface
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA219AIDCNRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA219AIDCNRG4 Datasheet HTML 5Page - Texas Instruments INA219AIDCNRG4 Datasheet HTML 6Page - Texas Instruments INA219AIDCNRG4 Datasheet HTML 7Page - Texas Instruments INA219AIDCNRG4 Datasheet HTML 8Page - Texas Instruments INA219AIDCNRG4 Datasheet HTML 9Page - Texas Instruments INA219AIDCNRG4 Datasheet HTML 10Page - Texas Instruments INA219AIDCNRG4 Datasheet HTML 11Page - Texas Instruments INA219AIDCNRG4 Datasheet HTML 12Page - Texas Instruments INA219AIDCNRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
APPLICATION INFORMATION
INA219 TYPICAL APPLICATION
BUS OVERVIEW
C
BYPASS
0.1 F
(typical)
m
Supply Voltage
(INA219PowerSupplyRangeis
3Vto5.5V)
Data(SDA)
Clock(SCL)
´
PowerRegister
CurrentRegister
I C
Interface
2
VoltageRegister
V
IN+
R
F1
R
F2
R
PULLUP
3.3k
(typical)
W
R
PULLUP
3.3k
(typical)
W
V
IN-
ADC
PGA
INA219
GND
PowerBus
(0Vto26V)
Load
Current
Shunt
C
F
A0
A1
SDA
SCL
INA219
www.ti.com........................................................................................................................................... SBOS448A – AUGUST 2008 – REVISED SEPTEMBER 2008
The INA219 is a digital current-shunt monitor with an
The I2C interface is used throughout this data sheet
I2C and SMBus-compatible interface. It provides
as
the
primary
example,
with
SMBus
protocol
digital
current,
voltage,
and
power
readings
specified only when a difference between the two
necessary
for
accurate
decision-making
in
systems is being addressed. Two bidirectional lines,
precisely-controlled systems. Programmable registers
SCL and SDA, connect the INA219 to the bus. Both
allow
flexible
configuration
for
measurement
SCL and SDA are open-drain connections.
resolution,
and
continuous-
The device that initiates the transfer is called a
versus-triggered
operation.
Detailed
register
master, and the devices controlled by the master are
information appears at the end of this data sheet,
slaves. The bus must be controlled by a master
beginning with Table 2. See the Register Block
device that generates the serial clock (SCL), controls
Diagram for a block diagram of the INA219.
the bus access, and generates START and STOP
conditions.
To address a specific device, the master initiates a
Figure 13 shows a typical application circuit for the
START condition by pulling the data signal line (SDA)
INA219.
Use
a
0.1
µF ceramic capacitor for
from a HIGH to a LOW logic level while SCL is HIGH.
power-supply
bypassing,
placed
as
closely
as
All slaves on the bus shift in the slave address byte
possible to the supply and ground pins.
on the rising edge of SCL, with the last bit indicating
whether a read or write operation is intended. During
The input filter circuit consisting of RF1, RF2, and CF is
the ninth clock pulse, the slave being addressed
not necessary in most applications. If the need for
responds
to
the
master
by
generating
an
filtering is unknown, reserve board space for the
Acknowledge and pulling SDA LOW.
components and install 0
Ω resistors unless a filter is
needed. See the Filtering and Input Considerations
Data transfer is then initiated and eight bits of data
section.
are sent, followed by an Acknowledge bit. During
data transfer, SDA must remain stable while SCL is
The pull-up resistors shown on the SDA and SCL
HIGH. Any change in SDA while SCL is HIGH is
lines are not needed if there are pull-up resistors on
interpreted as a START or STOP condition.
these same lines elsewhere in the system. Resistor
values shown are typical: consult either the I2C or
Once all data have been transferred, the master
SMBus specification to determine the acceptable
generates a STOP condition, indicated by pulling
minimum or maximum values.
SDA from LOW to HIGH while SCL is HIGH. The
INA219 includes a 28ms timeout on its interface to
prevent locking up an SMBus.
The INA219 offers compatibility with both I2C and
SMBus interfaces. The I2C and SMBus protocols are
essentially compatible with one another.
Figure 13. Typical Application Circuit
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): INA219


Similar Part No. - INA219AIDCNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA219AIDCNRG4 TI-INA219AIDCNRG4 Datasheet
1Mb / 35P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA219AIDCNRG4 TI1-INA219AIDCNRG4 Datasheet
989Kb / 40P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA219AIDCNRG4 TI1-INA219AIDCNRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
INA219AIDCNRG4 TI1-INA219AIDCNRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
More results

Similar Description - INA219AIDCNRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA219 TI-INA219_08 Datasheet
1Mb / 35P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA219BIDR TI1-INA219BIDR Datasheet
989Kb / 40P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
logo
ON Semiconductor
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
NCS210 ONSEMI-NCS210 Datasheet
74Kb / 5P
   Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
NCS199 ONSEMI-NCS199 Datasheet
72Kb / 5P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
July, 2016 ??Rev. 1
NCS199A1 ONSEMI-NCS199A1 Datasheet
71Kb / 5P
   Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
logo
3PEAK INC.
TP199 3PEAK-TP199 Datasheet
778Kb / 9P
   Zero-Drift, Bi-directional Current Sense Amplifier
TP199A1T 3PEAK-TP199A1T Datasheet
779Kb / 9P
   Zero-Drift, Bi-directional Current Sense Amplifier
logo
Texas Instruments
INA226 TI1-INA226_15 Datasheet
1Mb / 38P
[Old version datasheet]   Bi-Directional Current and Power Monitor with I2C Compatible Interface
INA282 TI-INA282_11 Datasheet
686Kb / 31P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com