Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA333AIDGKT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # INA333AIDGKT
Description  Micro-Power (50mA), Zero -Drift, Rail-to-Rail Out Instrumentation Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA333AIDGKT Datasheet(HTML) 2 Page - Texas Instruments

  INA333AIDGKT Datasheet HTML 1Page - Texas Instruments INA333AIDGKT Datasheet HTML 2Page - Texas Instruments INA333AIDGKT Datasheet HTML 3Page - Texas Instruments INA333AIDGKT Datasheet HTML 4Page - Texas Instruments INA333AIDGKT Datasheet HTML 5Page - Texas Instruments INA333AIDGKT Datasheet HTML 6Page - Texas Instruments INA333AIDGKT Datasheet HTML 7Page - Texas Instruments INA333AIDGKT Datasheet HTML 8Page - Texas Instruments INA333AIDGKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
PIN CONFIGURATIONS
V
IN-
V
IN+
V-
R
G
V+
V
OUT
1
2
3
4
8
7
6
5
INA333
R
G
REF
R
G
V
IN-
V
IN+
V-
R
G
V+
V
OUT
REF
1
2
3
4
8
7
6
5
Exposed
Thermal
DiePad
on
Underside
INA333
INA333
SBOS445A – JULY 2008 – REVISED AUGUST 2008 ........................................................................................................................................................ www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
MSOP-8
DGK
I333
INA333
DFN-8(2)
DRG
I333A
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Available Q4, 2008.
INA333
UNIT
Supply voltage
+7
V
Analog input voltage range(2)
(V–) – 0.3 to (V+) + 0.3
V
Output short-circuit(3)
Continuous
Operating temperature range, TA
–40 to +150
°C
Storage temperature range, TA
–65 to +150
°C
Junction temperature, TJ
+150
°C
Human body model (HBM)
4000
V
ESD rating
Charged device model (CDM)
1000
V
Machine model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.3V beyond the supply rails should
be current limited to 10mA or less.
(3)
Short-circuit to ground.
DGK PACKAGE
DRG PACKAGE
MSOP-8
DFN-8
(TOP VIEW)
(TOP VIEW)
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): INA333


Similar Part No. - INA333AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA333AIDGKT TI-INA333AIDGKT Datasheet
651Kb / 23P
[Old version datasheet]   Micro-Power (50uA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333AIDGKT TI-INA333AIDGKT Datasheet
875Kb / 25P
[Old version datasheet]   Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333AIDGKT TI-INA333AIDGKT Datasheet
762Kb / 25P
[Old version datasheet]   Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333AIDGKT TI1-INA333AIDGKT Datasheet
860Kb / 26P
[Old version datasheet]   Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out
INA333AIDGKT TI1-INA333AIDGKT Datasheet
1Mb / 33P
[Old version datasheet]   Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
More results

Similar Description - INA333AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA333-HT TI1-INA333-HT Datasheet
514Kb / 26P
[Old version datasheet]   Micro-Power, Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_15 Datasheet
827Kb / 27P
[Old version datasheet]   Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_2 Datasheet
875Kb / 25P
[Old version datasheet]   Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_3 Datasheet
762Kb / 25P
[Old version datasheet]   Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA317 TI1-INA317 Datasheet
561Kb / 31P
[Old version datasheet]   Micro-Power (50-uA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier
INA333-HT TI-INA333-HT_15 Datasheet
446Kb / 26P
[Old version datasheet]   Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI-INA333-HT Datasheet
575Kb / 24P
[Old version datasheet]   Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI1-INA333_12 Datasheet
860Kb / 26P
[Old version datasheet]   Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out
INA333 TI-INA333 Datasheet
651Kb / 23P
[Old version datasheet]   Micro-Power (50uA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com