Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3208R Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 1N3208R
Description  Stud-Mounted Silicon Rectifier Diodes, 15 A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N3208R Datasheet(HTML) 1 Page - Vishay Siliconix

  1N3208R Datasheet HTML 1Page - Vishay Siliconix 1N3208R Datasheet HTML 2Page - Vishay Siliconix 1N3208R Datasheet HTML 3Page - Vishay Siliconix 1N3208R Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 93496
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 24-Jun-08
1
Stud-Mounted
Silicon Rectifier Diodes, 15 A
1N3208 Series
Vishay High Power Products
DESCRIPTION/FEATURES
• Low thermal impedance
• High case temperature
• Excellent reliability
• Maximum design flexibility
• Can be made to meet stringent military, aerospace and
other high reliability requirements
• RoHS compliant
Note
(1) JEDEC registered values
ELECTRICAL SPECIFICATIONS
Note
(1) JEDEC registered values
PRODUCT SUMMARY
IF(AV)
15 A
DO-203AB (DO-5)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IF(AV)
15 (1)
A
TC
150 (1)
°C
IFSM
50 Hz
239
A
60 Hz
250 (1)
I2t
50 Hz
286
A2s
60 Hz
260
I2
√t
3870
A2
√s
VRRM
Range
50 to 600
V
TJ
- 65 to 175
°C
VOLTAGE RATINGS
TYPE NUMBER
VRRM, MAXIMUM REPETITIVE PEAK
REVERSE VOLTAGE
V
VRM, MAXIMUM DIRECT
REVERSE VOLTAGE
V
CATHODE TO CASE
ANODE TO CASE
TJ = - 65 °C TO 175 °C
TJ = - 65 °C TO 175 °C
1N3208
1N3208R
50 (1)
50 (1)
1N3209
1N3209R
100 (1)
100 (1)
1N3210
1N3210R
200 (1)
200 (1)
1N3211
1N3211R
300 (1)
300 (1)
1N3212
1N3212R
400 (1)
400 (1)
1N3213
1N3213R
500 (1)
500 (1)
1N3214
1N3214R
600 (1)
600 (1)


Similar Part No. - 1N3208R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
1N3208R IRF-1N3208R Datasheet
93Kb / 4P
   15 Amp Stud-mounted Silicon Rectifier Diodes
logo
America Semiconductor, ...
1N3208R AMERICASEMI-1N3208R Datasheet
408Kb / 2P
   DEVICE HIGH POWER STANDARD
logo
GeneSiC Semiconductor, ...
1N3208R GENESIC-1N3208R Datasheet
679Kb / 3P
   Silicon Standard Recovery Diode
1N3208R GENESIC-1N3208R Datasheet
777Kb / 3P
   Silicon Standard Recovery Diode
More results

Similar Description - 1N3208R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
1N3208 IRF-1N3208 Datasheet
93Kb / 4P
   15 Amp Stud-mounted Silicon Rectifier Diodes
logo
New Jersey Semi-Conduct...
1N3208 NJSEMI-1N3208 Datasheet
510Kb / 2P
   15 Amp Stud-mounted Silicon Rectifier Diodes
logo
Vishay Siliconix
VS-1N3208 VISHAY-VS-1N3208 Datasheet
134Kb / 5P
   Silicon Rectifier Diodes, (Stud Version) 15 A
Revision: 12-Nov-15
VS-1N3208 VISHAY-VS-1N3208_V01 Datasheet
131Kb / 5P
   Silicon Rectifier Diodes, (Stud Version) 15 A
01-Jan-2022
logo
TRANSYS Electronics Lim...
1N5826 TEL-1N5826 Datasheet
118Kb / 2P
   SCHOTTKY DIODES STUD TYPE 15 A
logo
Vishay Siliconix
VS-1N1A VISHAY-VS-1N1A Datasheet
154Kb / 5P
   Medium Power Silicon Rectifier Diodes, (Stud Version), 12 A
Revision: 18-May-15
VS-1N1A VISHAY-VS-1N1A_V01 Datasheet
129Kb / 5P
   Medium Power Silicon Rectifier Diodes, (Stud Version), 12 A
01-Jan-2022
VS-1N1183 VISHAY-VS-1N1183_V01 Datasheet
147Kb / 7P
   Power Silicon Rectifier Diodes, (Stud Version), 35 A, 40 A, 60 A
01-Jan-2022
logo
List of Unclassifed Man...
ACK-10 ETC1-ACK-10 Datasheet
1Mb / 3P
   Stud-mounted fuses
logo
Eaton All Rights Reserv...
ACK-10 EATON-ACK-10 Datasheet
1Mb / 3P
   Stud-mounted fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com