Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3208R Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 1N3208R
Description  Stud-Mounted Silicon Rectifier Diodes, 15 A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N3208R Datasheet(HTML) 2 Page - Vishay Siliconix

  1N3208R Datasheet HTML 1Page - Vishay Siliconix 1N3208R Datasheet HTML 2Page - Vishay Siliconix 1N3208R Datasheet HTML 3Page - Vishay Siliconix 1N3208R Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93496
2
Revision: 24-Jun-08
1N3208 Series
Vishay High Power Products
Stud-Mounted
Silicon Rectifier Diodes, 15 A
Notes
(1) JEDEC registered values
(2) I2t for time tx = I2√t x √tx
Note
(1) JEDEC registered values
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
at case temperature
IF(AV)
180° sinusoidal conduction
15 (1)
A
150 (1)
°C
Maximum peak one cycle
non-repetitive surge current
IFSM
Half cycle 50 Hz sine wave
or 6 ms rectangular pulse
Following any rated load
condition and with rated
VRRM applied
239
A
Half cycle 60 Hz sine wave
or 5 ms rectangular pulse
250 (1)
Half cycle 50 Hz sine wave
or 6 ms rectangular pulse
Following any rated load
condition and with VRRM
applied following surge = 0
284
Half cycle 60 Hz sine wave
or 5 ms rectangular pulse
297
Maximum I2t for fusing
I2t
t = 10 ms
With rated VRRM applied
following surge,
initial TJ = 150 °C
286
A2s
t = 8.3 ms
260
Maximum I2t for individual
device fusing
t = 10 ms
With VRRM = 0 following
surge, initial TJ = 150 °C
403
t = 8.3 ms
368
Maximum I2
√t for individual
device fusing
I2
√t (2)
t = 0.1 to 10 ms, VRRM = 0 following surge
3870
A2
√s
Maximum forward voltage drop
VFM
IF(AV) = 15 A (47.1 A peak), TC = 150 °C
1.5 (1)
V
Maximum average reverse current
IR(AV)
Maximum rated IF(AV) and TC = 150 °C
10 (1)
mA
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction operating and
storage temperature range
TJ, TStg
- 65 to 175 (1)
°C
Maximum internal thermal
resistance, junction to case
RthJC
DC operation
0.65
°C/W
Thermal resistance,
case to sink
RthCS
Mounting surface, smooth, flat and greased
0.25
Mounting torque
minimum
Non-lubricated threads
2.3 (20)
N · m
(lbf · in)
maximum
3.5 (30)
Weight
28.5
g
1oz.
Case style
JEDEC
DO-203AB (DO-5)


Similar Part No. - 1N3208R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
1N3208R IRF-1N3208R Datasheet
93Kb / 4P
   15 Amp Stud-mounted Silicon Rectifier Diodes
logo
America Semiconductor, ...
1N3208R AMERICASEMI-1N3208R Datasheet
408Kb / 2P
   DEVICE HIGH POWER STANDARD
logo
GeneSiC Semiconductor, ...
1N3208R GENESIC-1N3208R Datasheet
679Kb / 3P
   Silicon Standard Recovery Diode
1N3208R GENESIC-1N3208R Datasheet
777Kb / 3P
   Silicon Standard Recovery Diode
More results

Similar Description - 1N3208R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
1N3208 IRF-1N3208 Datasheet
93Kb / 4P
   15 Amp Stud-mounted Silicon Rectifier Diodes
logo
New Jersey Semi-Conduct...
1N3208 NJSEMI-1N3208 Datasheet
510Kb / 2P
   15 Amp Stud-mounted Silicon Rectifier Diodes
logo
Vishay Siliconix
VS-1N3208 VISHAY-VS-1N3208 Datasheet
134Kb / 5P
   Silicon Rectifier Diodes, (Stud Version) 15 A
Revision: 12-Nov-15
VS-1N3208 VISHAY-VS-1N3208_V01 Datasheet
131Kb / 5P
   Silicon Rectifier Diodes, (Stud Version) 15 A
01-Jan-2022
logo
TRANSYS Electronics Lim...
1N5826 TEL-1N5826 Datasheet
118Kb / 2P
   SCHOTTKY DIODES STUD TYPE 15 A
logo
Vishay Siliconix
VS-1N1A VISHAY-VS-1N1A Datasheet
154Kb / 5P
   Medium Power Silicon Rectifier Diodes, (Stud Version), 12 A
Revision: 18-May-15
VS-1N1A VISHAY-VS-1N1A_V01 Datasheet
129Kb / 5P
   Medium Power Silicon Rectifier Diodes, (Stud Version), 12 A
01-Jan-2022
VS-1N1183 VISHAY-VS-1N1183_V01 Datasheet
147Kb / 7P
   Power Silicon Rectifier Diodes, (Stud Version), 35 A, 40 A, 60 A
01-Jan-2022
logo
List of Unclassifed Man...
ACK-10 ETC1-ACK-10 Datasheet
1Mb / 3P
   Stud-mounted fuses
logo
Eaton All Rights Reserv...
ACK-10 EATON-ACK-10 Datasheet
1Mb / 3P
   Stud-mounted fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com