Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG411HS Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG411HS
Description  Precision Monolithic Quad SPST CMOS Analog Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG411HS Datasheet(HTML) 8 Page - Vishay Siliconix

  DG411HS Datasheet HTML 1Page - Vishay Siliconix DG411HS Datasheet HTML 2Page - Vishay Siliconix DG411HS Datasheet HTML 3Page - Vishay Siliconix DG411HS Datasheet HTML 4Page - Vishay Siliconix DG411HS Datasheet HTML 5Page - Vishay Siliconix DG411HS Datasheet HTML 6Page - Vishay Siliconix DG411HS Datasheet HTML 7Page - Vishay Siliconix DG411HS Datasheet HTML 8Page - Vishay Siliconix DG411HS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
8
Document Number: 72053
S-71155-Rev. B, 11-Jun-07
Vishay Siliconix
DG411HS/412HS/413HS
TEST CIRCUITS
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Tech-
nology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability
data, see http://www.vishay.com/ppg?72053.
Figure 4. Charge Injection
CL
1 nF
D
Rg
VO
V+
S
V-
3 V
IN
VL
Vg
-15 V
GND
+ 15 V
+ 5 V
OFF
ON
OFF
OFF
ON
OFF
VO
ΔVO
INX
INX
Q =
ΔVO x CL
Figure 5. Crosstalk
0 V, 2.4 V
S1
XTALK Isolation = 20 log
VO
VS
D2
C = RF bypass
RL
D1
S2
VS
0 V, 2.4 V
IN1
50
Ω
VO
IN2
Rg = 50 Ω
VL
V+
- 15 V
GND
V -
NC
C
+ 15 V
C
+ 5 V
C
Figure 6. Off-Isolation
RL
50
Ω
D
0 V, 2.4 V
V+
Rg = 50 Ω
- 15 V
GND
V-
C
VS
Off Isolation = 20 log
VO
VS
IN
VL
VO
+ 5 V
C
+ 15 V
S
C
C = RF Bypass
Figure 7. Source/Drain Capacitances
D
IN
S
VL
V+
- 15 V
GND
V -
C
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
+ 5 V
C
+ 15 V
C


Similar Part No. - DG411HS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG411HS VISHAY-DG411HS Datasheet
256Kb / 17P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 07-Feb-11
DG411HS VISHAY-DG411HS Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411HSDJ VISHAY-DG411HSDJ Datasheet
256Kb / 17P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 07-Feb-11
DG411HSDJ-E3 VISHAY-DG411HSDJ-E3 Datasheet
256Kb / 17P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 07-Feb-11
DG411HSDN-T1-E4 VISHAY-DG411HSDN-T1-E4 Datasheet
256Kb / 17P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 07-Feb-11
More results

Similar Description - DG411HS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG418BDQ-T1 VISHAY-DG418BDQ-T1 Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com