Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG417B Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG417B
Description  Precision Monolithic Quad SPST CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG417B Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG417B_08 Datasheet HTML 2Page - Vishay Siliconix DG417B_08 Datasheet HTML 3Page - Vishay Siliconix DG417B_08 Datasheet HTML 4Page - Vishay Siliconix DG417B_08 Datasheet HTML 5Page - Vishay Siliconix DG417B_08 Datasheet HTML 6Page - Vishay Siliconix DG417B_08 Datasheet HTML 7Page - Vishay Siliconix DG417B_08 Datasheet HTML 8Page - Vishay Siliconix DG417B_08 Datasheet HTML 9Page - Vishay Siliconix DG417B_08 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Document Number: 72107
S-71009–Rev. C, 14-May-07
www.vishay.com
7
Vishay Siliconix
DG417B/418B/419B
TEST CIRCUITS
Figure 2. Switching Time (DG417B/418B)
CL (includes fixture and stray capacitance)
RL
RL + rDS(on)
VO = VS
V–
IN
SD
CL
35 pF
- 15 V
VL
GND
VO
10 V
V+
RL
300
+ 15 V
+ 5 V
VO is the steady state output with the switch on.
0 V
Logic
Input
Switch
Input
Switch
Output
3 V
50 %
0 V
VO
VS
tr < 5 ns
tf < 5 ns
tOFF
tON
90 %
Note:
Logic input waveform is inverted for switches that have the
opposite logic sense.
Figure 3. Break-Before-Make (DG419B)
IN
VL
VS1
D
V -
VS2
S2
V+
S1
- 15 V
GND
+ 1 V
+ 5 V
CL
35 pF
VO
RL
300
CL (includes fixture and stray capacitance)
0 V
3 V
0 V
Logic
Input
Switch
Output
VO
VS1 = VS2
tr < 5 ns
tf < 5 ns
90 %
tD
tD
Figure 4. Transition Time (DG419B)
CL (includes fixture and stray capacitance)
VL
RL
RL + rDS(on)
VO = VS
V -
V+
IN
CL
35 pF
RL
300
D
VO
S2
S1
VS2
VS1
- 15 V
GND
+ 15 V
+ 5 V
0 V
3 V
50 %
Logic
Input
Switch
Output
VS1
tr < 5 ns
tf < 5 ns
10 %
tTRANS
90 %
V01
VS2
V02
tTRANS


Similar Part No. - DG417B_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results

Similar Description - DG417B_08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG418BDQ-T1 VISHAY-DG418BDQ-T1 Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com