Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG417LDY Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG417LDY
Description  Precision Monolithic Low-Voltage CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG417LDY Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG417LDY Datasheet HTML 3Page - Vishay Siliconix DG417LDY Datasheet HTML 4Page - Vishay Siliconix DG417LDY Datasheet HTML 5Page - Vishay Siliconix DG417LDY Datasheet HTML 6Page - Vishay Siliconix DG417LDY Datasheet HTML 7Page - Vishay Siliconix DG417LDY Datasheet HTML 8Page - Vishay Siliconix DG417LDY Datasheet HTML 9Page - Vishay Siliconix DG417LDY Datasheet HTML 10Page - Vishay Siliconix DG417LDY Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Document Number: 71763
S-71009–Rev. E, 14-May-07
www.vishay.com
7
Vishay Siliconix
DG417L/418L/419L
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Leakage vs. Analog Voltage
Switching Time vs. Temperature and
Dual Supply Voltage
Switching Threshold vs. Supply Voltage
- 4 0
- 2 0
0
20
40
02468
10
12
VCOM, VNO, VNC – Analog Voltage (V)
ICOM(off)/ICOM(on)
V+ = 12 V
V - = 0 V
INO(off)/INC(on)
0
10
20
30
40
50
60
70
80
- 55 - 35
- 15
5
25
45
65
85
105
125
tON V+ = ± 3 V
Temperature (°C)
tON V+ = ± 5 V
tOFF V+ = ± 3 V
tOFF V+ = ± 5 V
tOFF V+ = ± 6 V
tON V+ = ± 6 V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V+ - Supply Voltage (V)
VL = V+
Switching Time vs. Temperature and
Single Supply Voltage
Insertion Loss, Off -Isolation
Crosstalk vs. Frequency
Charge Injection vs. Analog Voltage)
0
10
20
30
40
50
60
70
80
90
- 55
- 35
- 15
5
25
45
65
85
105
125
tON V+ = 3 V
Temperature (°C)
tON V+ = 5 V
tON V+ = 12 V
tOFF V+ = 5 V
tOFF V+ = 12 V
tOFF V+ = 3 V
0.1
- 110
1
- 30
10
- 70
- 50
100
1000
Frequency (Hz)
- 90
OIRR
Loss
10
- 10
V+ = 3 V
V- = 0 V
RL = 50 Ω
- 12
- 10
- 8
- 6
- 4
- 2
0
2
4
6
8
10
12
- 6
- 4
- 2
0
2
4
6
8
10
12
VCOM – Analog Voltage (V)
V = ± 5 V
V+ = 3 V
V+ = 5 V
V+ = 12 V


Similar Part No. - DG417LDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417LDY VISHAY-DG417LDY Datasheet
306Kb / 15P
   Precision Monolithic Low-Voltage CMOS Analog Switches
Rev. F, 25-Apr-11
logo
Maxim Integrated Produc...
DG417LDY MAXIM-DG417LDY Datasheet
325Kb / 13P
   35廓, SPST/SPDT, 3V Logic-Compatible Analog Switches
19-2170; Rev 0; 10/01
logo
Vishay Siliconix
DG417LDY VISHAY-DG417LDY Datasheet
265Kb / 14P
   Precision Monolithic Low-Voltage CMOS Analog Switches
01-Jan-2022
DG417LDY-E3 VISHAY-DG417LDY-E3 Datasheet
306Kb / 15P
   Precision Monolithic Low-Voltage CMOS Analog Switches
Rev. F, 25-Apr-11
DG417LDY-E3 VISHAY-DG417LDY-E3 Datasheet
265Kb / 14P
   Precision Monolithic Low-Voltage CMOS Analog Switches
01-Jan-2022
More results

Similar Description - DG417LDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417L VISHAY-DG417L_11 Datasheet
306Kb / 15P
   Precision Monolithic Low-Voltage CMOS Analog Switches
Rev. F, 25-Apr-11
DG417L VISHAY-DG417L_V01 Datasheet
265Kb / 14P
   Precision Monolithic Low-Voltage CMOS Analog Switches
01-Jan-2022
DG411L VISHAY-DG411L_08 Datasheet
140Kb / 11P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 25-Jun-07
DG411L VISHAY-DG411L Datasheet
76Kb / 9P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. C, 26-Aug-02
DG441L VISHAY-DG441L_11 Datasheet
202Kb / 14P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. E, 30-May-11
DG441L VISHAY-DG441L Datasheet
115Kb / 10P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. D, 17-Mar-03
DG411L VISHAY-DG411L_11 Datasheet
180Kb / 14P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
Rev. F, 07-Feb-11
DG441L VISHAY-DG441L_V01 Datasheet
263Kb / 15P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
08-Feb-17
DG411L VISHAY-DG411L_V01 Datasheet
240Kb / 15P
   Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
08-Feb-17
DG9421 VISHAY-DG9421_08 Datasheet
152Kb / 10P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. F, 29-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com