Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG441 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG441
Description  Quad SPST CMOS Analog Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG441 Datasheet(HTML) 7 Page - Vishay Siliconix

  DG441 Datasheet HTML 1Page - Vishay Siliconix DG441 Datasheet HTML 2Page - Vishay Siliconix DG441 Datasheet HTML 3Page - Vishay Siliconix DG441 Datasheet HTML 4Page - Vishay Siliconix DG441 Datasheet HTML 5Page - Vishay Siliconix DG441 Datasheet HTML 6Page - Vishay Siliconix DG441 Datasheet HTML 7Page - Vishay Siliconix DG441 Datasheet HTML 8Page - Vishay Siliconix DG441 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 70053
S-71241–Rev. I, 25-Jun-07
www.vishay.com
7
Vishay Siliconix
DG441/442
TEST CIRCUITS
Figure 2. Switching Time
0 V
Logic
Input
Switch
Input
Switch
Output
3 V
50 %
0 V
VO
VS
tr < 20 ns
tf < 20 ns
tOFF
tON
Note:
Logic input waveform is inverted for DG442.
50 %
80 %
80 %
10 V
CL (includes fixture and stray capacitance)
V
-
V+
IN
S
D
3 V
RL
1 k
Ω
CL
35 pF
VO
- 15 V
GND
+ 15 V
Figure 3. Charge Injection
OFF
ON
OFF
OFF
ON
OFF
VO
ΔV
O
INX
INX
Q =
ΔVO x CL
(DG441)
(DG442)
CL
1 nF
IN
D
VO
V-
V+
S
3 V
Rg
- 15 V
GND
+ 15 V
Figure 4. Crosstalk
C = 1 mF tantalum in parallel with 0.01 mF ceramic
50
Ω
D1
VO
Rg = 50 Ω
S1
+ 15 V
- 15 V
D2
GND
V+
V-
NC
C
C
S2
RL
IN1
XTALK Isolation = 20 log
VS
VO
0 V, 2.4 V
0 V, 2.4 V
VS
IN2
C = RF bypass
Figure 5. Off Isolation
S
IN
RL
D
Rg = 50 Ω
VS
VO
0 V, 2.4 V
Off Isolation = 20 log
VS
VO
V+
- 15 V
GND
V-
C
C
+ 15 V
Figure 6. Source/Drain Capacitances
S
D
IN
+ 15 V
- 15 V
GND
V+
V-
C
C
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent


Similar Part No. - DG441

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441 INTERSIL-DG441 Datasheet
111Kb / 10P
   Monolithic, Quad SPST, CMOS Analog Switches
June 1999
DG441 INTERSIL-DG441 Datasheet
213Kb / 4P
   2 CHANNEL DRIVERS WITH SPST AND DPST FET SWITCHES
DG441 INTERSIL-DG441 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Maxim Integrated Produc...
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
logo
Vishay Siliconix
DG441 VISHAY-DG441 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
More results

Similar Description - DG441

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
   Quad SPST CMOS Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
   CMOS QUAD SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
logo
Maxim Integrated Produc...
DG202 MAXIM-DG202_06 Datasheet
1Mb / 12P
   Quad SPST CMOS Analog Switches
Rev 3; 6/06
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
   Quad SPST, CMOS Analog Switches
June 1999
logo
Vishay Siliconix
DG441 VISHAY-DG441_V01 Datasheet
218Kb / 12P
   Quad SPST CMOS Analog Switches
08-Feb-17
logo
Maxim Integrated Produc...
DG201202 MAXIM-DG201202 Datasheet
27Kb / 4P
   QUAD SPST CMOS ANALOG SWITCHES
19-0041Rev. C
logo
Intersil Corporation
DG201A INTERSIL-DG201A_01 Datasheet
230Kb / 7P
   Quad SPST, CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com