Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG428DN Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG428DN
Description  Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG428DN Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG428DN Datasheet HTML 3Page - Vishay Siliconix DG428DN Datasheet HTML 4Page - Vishay Siliconix DG428DN Datasheet HTML 5Page - Vishay Siliconix DG428DN Datasheet HTML 6Page - Vishay Siliconix DG428DN Datasheet HTML 7Page - Vishay Siliconix DG428DN Datasheet HTML 8Page - Vishay Siliconix DG428DN Datasheet HTML 9Page - Vishay Siliconix DG428DN Datasheet HTML 10Page - Vishay Siliconix DG428DN Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DG428/429
Vishay Siliconix
Document Number: 70063
S-52433—Rev. J, 06-Sep-99
www.vishay.com
S FaxBack 408-970-5600
5-7
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
50
100
150
200
250
300
350
5
10
15
20
tTRANS
V– = 0 V
Switching Times vs. Single Supply
tON
tOFF
–15
–10
–5
0
5
10
15
–60
–40
–20
0
20
40
60
Charge Injection vs. Analog Voltage
VS – Source Voltage (V)
V+ = 12 V
V– = 0 V
1 k
10 k
100 k
1 M
10 M
–20
–40
–60
–80
–100
–120
–140
Off-Isolation vs. Frequency
1 k
10 k
100 k
1 M
10 M
–8
–6
–4
–2
0
2
4
6
8
I–
I+
IGND
EN = 5 V
AX = 0 or 5 V
Supply Current vs. Switching Frequency
f – Frequency (Hz)
f – Frequency (Hz)
0
50
100
150
200
–55
–35
45
85
125
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
tTRANS
V+ = 15 V
V– = –15 V
Switching Times vs. Temperature
Temperature (C
_)
Input Switching Threshold
vs. PositiveSupply Voltage
V+ Positive – Supply Voltage (V)
tOFF
tON
–15
5
65
105
25
V+ = 15 V
V– = –15 V
V+ – Positive Supply (V)


Similar Part No. - DG428DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG428DN VISHAY-DG428DN Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428DN VISHAY-DG428DN Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG428DN-E3 VISHAY-DG428DN-E3 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428DN-E3 VISHAY-DG428DN-E3 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
More results

Similar Description - DG428DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. C, 15-Nov-93
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. K, 04-Jul-11
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
Rev. J, 06-Sep-99
DG528 VISHAY-DG528_11 Datasheet
176Kb / 12P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. D, 23-May-11
DG528 VISHAY-DG528_V01 Datasheet
170Kb / 11P
   Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
08-Feb-17
DG428 VISHAY-DG428_V01 Datasheet
183Kb / 14P
   Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
08-Feb-17
DG508AMIL VISHAY-DG508AMIL Datasheet
197Kb / 11P
   Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
Rev. C, 21-Feb-00
DG458 VISHAY-DG458_08 Datasheet
131Kb / 10P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. G, 11-Jun-07
DG458 VISHAY-DG458_11 Datasheet
160Kb / 13P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. H, 23-May-11
DG458 VISHAY-DG458 Datasheet
90Kb / 8P
   Fault-Protected Single 8-Ch/Differential 4-Ch Analog Multiplexers
Rev. F, 06-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com