Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N1187 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 1N1187
Description  Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N1187 Datasheet(HTML) 5 Page - Vishay Siliconix

  1N1187 Datasheet HTML 1Page - Vishay Siliconix 1N1187 Datasheet HTML 2Page - Vishay Siliconix 1N1187 Datasheet HTML 3Page - Vishay Siliconix 1N1187 Datasheet HTML 4Page - Vishay Siliconix 1N1187 Datasheet HTML 5Page - Vishay Siliconix 1N1187 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 93492
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 24-Jun-08
5
1N1183, 1N3765, 1N1183A, 1N2128A Series
Power Silicon Rectifier Diodes,
35 A/40 A/60 A
Vishay High Power Products
Fig. 11 - Maximum Non-Repetitive Surge Current vs.
Number of Current Pulses, 1N2128A Series
Fig. 12 - Maximum Allowable Case Temperature vs.
Average Forward Current, 1N2128A Series
Fig. 13 - Maximum Low Level Forward Power Loss vs.
Average Forward Current, 1N2128A Series
Fig. 14 - Maximum High Level Forward Power Loss vs.
Average Forward Current, 1N2128A Series
Fig. 15 - Maximum Forward Voltage vs. Forward Current,
1N2128A Series
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95360


Similar Part No. - 1N1187

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N1187 MICROSEMI-1N1187 Datasheet
128Kb / 2P
   Silicon Power Rectifier
logo
International Rectifier
1N1187 IRF-1N1187 Datasheet
377Kb / 5P
   35,40,and 60 Amp Power Silicon Rectifier Diodes
logo
Microsemi Corporation
1N1187 MICROSEMI-1N1187 Datasheet
132Kb / 2P
   Silicon Power Rectifier
logo
Vishay Siliconix
1N1187 VISHAY-1N1187 Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
logo
New Jersey Semi-Conduct...
1N1187 NJSEMI-1N1187 Datasheet
298Kb / 2P
   Silicon Power Rectifier
More results

Similar Description - 1N1187

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N1190RA VISHAY-1N1190RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
1N1183 VISHAY-1N1183_12 Datasheet
297Kb / 8P
   Power Silicon Rectifier Diodes, 35 A/40 A/60 A
Revision: 25-May-09
VS-1N1190 VISHAY-VS-1N1190 Datasheet
155Kb / 9P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 28-Jan-14
1N1188RA VISHAY-1N1188RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
VS-1N1183 VISHAY-VS-1N1183_V01 Datasheet
147Kb / 7P
   Power Silicon Rectifier Diodes, (Stud Version), 35 A, 40 A, 60 A
01-Jan-2022
T40HF VISHAY-T40HF Datasheet
303Kb / 11P
   Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
Revision: 12-Jun-08
logo
ON Semiconductor
MBR40L60CT ONSEMI-MBR40L60CT Datasheet
126Kb / 5P
   SWITCHMODE??Power Rectifier 60 V, 40 A
December, 2008 ??Rev. 0
logo
Vishay Siliconix
T40HF VISHAY-T40HF_10 Datasheet
294Kb / 12P
   Power Rectifier Diodes (T-Modules), 40 A to 110 A
Revision: 20-May-10
logo
PHOENIX CONTACT
3241239 PHOENIX-3241239 Datasheet
50Kb / 2P
   Ferrule - A 35 -40
logo
Vishay Siliconix
1N1199A VISHAY-1N1199A_12 Datasheet
152Kb / 6P
   Medium Power Silicon Rectifier Diodes, 12 A
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com