Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG417DY-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG417DY-E3
Description  Precision CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG417DY-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG417DY-E3 Datasheet HTML 1Page - Vishay Siliconix DG417DY-E3 Datasheet HTML 2Page - Vishay Siliconix DG417DY-E3 Datasheet HTML 3Page - Vishay Siliconix DG417DY-E3 Datasheet HTML 4Page - Vishay Siliconix DG417DY-E3 Datasheet HTML 5Page - Vishay Siliconix DG417DY-E3 Datasheet HTML 6Page - Vishay Siliconix DG417DY-E3 Datasheet HTML 7Page - Vishay Siliconix DG417DY-E3 Datasheet HTML 8Page - Vishay Siliconix DG417DY-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
2
Document Number: 70051
S-71241–Rev. F, 25-Jun-07
Vishay Siliconix
DG417/418/419
Notes:
a. Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC Board.
c. Derate 6 mW/°C above 75 °C.
d. Derate 6.5 mW/°C above 75 °C.
e. Derate 12 mW/°C above 75 °C.
ORDERING INFORMATION
Temp Range
Package
Part Number
DG417/DG418
- 40 to 85 °C
8-Pin Plastic MiniDIP
DG417DJ
DG417DJ-E3
DG418DJ
DG418DJ-E3
8-Pin Narrow SOIC
DG417DY
DG417DY-E3
DG417DY-T1
DG417DY-T1-E3
DG418DY
DG418DY-E3
DG418DY-T1
DG418DY-T1-E3
DG419
- 40 to 85 °C
8-Pin Plastic MiniDIP
DG419DJ
DG419DJ-E3
8-Pin Narrow SOIC
DG419DY
DG419DY-E3
DG419DY-T1
DG419DY-T1-E3
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
Voltages Referenced V+ to V-
44
V
GND
25
VL
(GND - 0.3) to (V+) + 0.3
Digital Inputsa, VS, VD
(V-) - 2 to (V+) + 2
or 30 mA, whichever occurs first
Current , (Any Terminal) Continuous
30
mA
Current, S or D (Pulsed at 1 ms, 10 % duty cycle)
100
Storage Temperature
(AK Suffix)
- 65 to 150
°C
(DJ, DY Suffix)
- 65 to 125
Power Dissipation (Package)b
8-Pin Plastic MiniDIPc
400
mW
8-Pin Narrow SOICd
400
8-Pin CerDIPe
600


Similar Part No. - DG417DY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417DY-E3 VISHAY-DG417DY-E3 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
More results

Similar Description - DG417DY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
   Precision CMOS Analog Switches
Rev. B, 11-Aug-03
DG417 VISHAY-DG417_10 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
logo
Maxim Integrated Produc...
MAX317 MAXIM-MAX317 Datasheet
130Kb / 12P
   Precision, CMOS Analog Switches
19-0185; Rev 1; 11/94
logo
TEMIC Semiconductors
DG418 TEMIC-DG418 Datasheet
153Kb / 10P
   Precision CMOS Analog Switches
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com