Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG418DY-T1 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG418DY-T1
Description  Precision CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG418DY-T1 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG418DY-T1 Datasheet HTML 3Page - Vishay Siliconix DG418DY-T1 Datasheet HTML 4Page - Vishay Siliconix DG418DY-T1 Datasheet HTML 5Page - Vishay Siliconix DG418DY-T1 Datasheet HTML 6Page - Vishay Siliconix DG418DY-T1 Datasheet HTML 7Page - Vishay Siliconix DG418DY-T1 Datasheet HTML 8Page - Vishay Siliconix DG418DY-T1 Datasheet HTML 9Page - Vishay Siliconix DG418DY-T1 Datasheet HTML 10Page - Vishay Siliconix DG418DY-T1 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Document Number: 70051
S-71241–Rev. F, 25-Jun-07
www.vishay.com
9
Vishay Siliconix
DG417/418/419
TEST CIRCUITS
APPLICATIONS
Switched Signal Powers Analog Switch
The analog switch in Figure 10 derives power from its input
signal, provided the input signal amplitude exceeds 4 V and
its frequency exceeds 1 kHz.
This circuit is useful when signals have to be routed to either
of two remote loads. Only three conductors are required: one
for the signal to be switched, one for the control signal and a
common return.
A positive input pulse turns on the clamping diode D1 and
charges C1. The charge stored on C1 is used to power the
chip; operation is satisfactory because the switch requires
less than 1 µA of stand-by supply current. Loading of the
signal source is imperceptible. The DG419’s on-resistance is
a low 100
Ω for a 5 V input signal.
Figure 9. Source/Drain Capacitances
VL
IN
S
V+
D
f = 1 MHz
- 15 V
GND
V-
C
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
+ 5 V
C
+ 15 V
C
D2
D1
S1
f = 1 MHz
+ 15 V
IN
S2
NC
GND
V+
C
C
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
DG417/418
DG419
VL
IN
S
D
f = 1 MHz
GND
C
0 V, 2.4 V
CC
D2
D1
S1
f = 1 MHz
IN
S2
NC
- 15 V
GND
V+
V-
C
C
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent
Figure 10. Switched Signal Powers Remote SPDT Analog Switch
Input
Control
GND
DG419
V-
C1
0.01 µF
D1
S1
S2
VOUT
RL1
10 k
Ω
RL2
10 k
Ω
VL
D
IN
V+


Similar Part No. - DG418DY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG418DY-T1 VISHAY-DG418DY-T1 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
DG418DY-T1-E3 VISHAY-DG418DY-T1-E3 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
More results

Similar Description - DG418DY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
   Precision CMOS Analog Switches
Rev. B, 11-Aug-03
DG417 VISHAY-DG417_10 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
logo
Maxim Integrated Produc...
MAX317 MAXIM-MAX317 Datasheet
130Kb / 12P
   Precision, CMOS Analog Switches
19-0185; Rev 1; 11/94
logo
TEMIC Semiconductors
DG418 TEMIC-DG418 Datasheet
153Kb / 10P
   Precision CMOS Analog Switches
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com