Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG418DY-T1-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG418DY-T1-E3
Description  Precision CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG418DY-T1-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  DG418DY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix DG418DY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG418DY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG418DY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG418DY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG418DY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG418DY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG418DY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG418DY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Document Number: 70051
S-71241–Rev. F, 25-Jun-07
www.vishay.com
3
Vishay Siliconix
DG417/418/419
SCHEMATIC DIAGRAM (TYPICAL CHANNEL)
Figure 1.
SPECIFICATIONSa
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 15 V, V- = - 15 V
VL = 5 V, VIN = 2.4 V, 0.8 V
f
Tempb
Typc
A Suffix
- 55 to 125 °C
D Suffix
- 40 to 85 °C
Unit
Mind
Maxd
Mind
Maxd
Analog Switch
Analog Signal Rangee
VANALOG
Full
- 15
15
- 15
15
V
Drain-Source
On-Resistance
rDS(on)
IS = - 10 mA, VD = ± 12.5 V
V+ = 13.5 V, V- = - 13.5 V
Room
Full
20
35
45
35
45
Ω
Switch Off Leakage Current
IS(off)
V+ = 16.5, V- = - 16.5 V
VD = ± 15.5 V
VS = ± 15.5 V
Room
Full
- 0.1
- 0.25
- 20
0.25
20
- 0.25
- 5
0.25
5
nA
ID(off)
DG417
DG418
Room
Full
- 0.1
- 0.25
- 20
0.25
20
- 0.25
- 5
0.25
5
DG419
Room
Full
- 0.1
- 0.75
- 60
0.75
60
- 0.75
- 12
0.75
12
Channel Off Leakage
Current
ID(on)
V+ = 16.5 V, V- = - 16.5 V
VS = VD = ± 15.5 V
DG417
DG418
Room
Full
- 0.4
- 0.4
- 40
0.4
40
- 0.4
- 10
0.4
10
DG419
Room
Full
- 0.4
- 0.75
- 60
0.75
60
- 0.75
- 12
0.75
12
Digital Control
Input Current VIN Low
IIL
Full
0.005
- 0.5
0.5
- 0.5
0.5
µA
Input Current VIN High
IIH
Full
0.005
- 0.5
0.5
- 0.5
0.5
Dynamic Characteristics
Turn-On Time
tON
RL = 300 Ω, CL = 35 pF
VS = ± 10 V
See Switching Time
Test Circuit
DG417
DG418
Room
Full
100
175
250
175
250
ns
Turn-Off Time
tOFF
DG417
DG418
Room
Full
60
145
210
145
210
Transition Time
tTRANS
RL = 300 Ω, CL = 35 pF
VS1 = ± 10 V, VS2 = ± 10 V
DG419
Room
Full
175
250
175
250
Break-Before-Make
Time Delay (DG403)
tD
RL = 300 Ω, CL = 35 pF
VS1 = VS2 = ± 10 V
DG419
Room
13
5
5
Charge Injection
Q
CL = 10 nF, Vgen = 0 V, Rgen = 0 Ω
Room
60
pC
Source Off Capacitance
CS(off)
f = 1 MHz, VS = 0 V
Room
8
pF
Drain Off Capacitance
CD(off)
DG417
DG418
Room
8
Channel On Capacitance
CD(on)
f = 1 MHz, VS = 0 V
DG417
DG418
Room
30
DG419
Room
35
Level
Shift/
Drive
VIN
VL
S
V+
GND
V-
D
V-
V+


Similar Part No. - DG418DY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG418DY-T1-E3 VISHAY-DG418DY-T1-E3 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
More results

Similar Description - DG418DY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B Datasheet
108Kb / 9P
   Precision CMOS Analog Switches
Rev. B, 11-Aug-03
DG417 VISHAY-DG417_10 Datasheet
304Kb / 16P
   Precision CMOS Analog Switches
Rev. G, 19-Jul-10
logo
Maxim Integrated Produc...
MAX317 MAXIM-MAX317 Datasheet
130Kb / 12P
   Precision, CMOS Analog Switches
19-0185; Rev 1; 11/94
logo
TEMIC Semiconductors
DG418 TEMIC-DG418 Datasheet
153Kb / 10P
   Precision CMOS Analog Switches
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com