Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG200BDJ Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG200BDJ
Description  Monolithic Dual SPST CMOS Analog Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG200BDJ Datasheet(HTML) 4 Page - Vishay Siliconix

  DG200BDJ Datasheet HTML 1Page - Vishay Siliconix DG200BDJ Datasheet HTML 2Page - Vishay Siliconix DG200BDJ Datasheet HTML 3Page - Vishay Siliconix DG200BDJ Datasheet HTML 4Page - Vishay Siliconix DG200BDJ Datasheet HTML 5Page - Vishay Siliconix DG200BDJ Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number: 71357
S-71155–Rev. C, 11-Jun-07
Vishay Siliconix
DG200B
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
TEST CIRCUITS
VO is the steady state output with switch on. Feedthrough via gate capacitance may result in spikes at leading and trailing edge
of output waveform.
rDS(on) vs. VD and Power Supply Voltages
Leakage Current vs. Temperature
- 20 - 16 - 12
- 8
- 4
0
4
8
12
16
20
40
50
60
70
80
90
100
110
± 5 V
VD - Drain Voltage (V)
± 10 V
± 15 V
± 20 V
30
20
10
-55
25
45
5
-15
65
1 nA
100 pA
10 pA
-35
1 pA
85
105 125
V+ = 15 V
V- = - 15 V
VS, VD = ± 14 V
IS(off), ID(off)
Temperature (°C)
rDS(on) vs. VD and Temperature
Leakage Currents vs. Analog Voltage
85 °C
0
10
20
30
40
50
-15
- 10
-5
0
5
10
15
VD - Drain Voltage (V)
125 °C
25 °C
- 55 °C
V+ = 15 V
V- = - 15 V
60
70
80
90
100
-20
- 15
-10
- 5
0
5
10
15
20
40
20
0
- 20
- 40
IS(off), ID(off)
ID(on)
V+ = 22 V
V- = - 22 V
TA = 25 °C
30
10
- 10
- 30
Figure 2. Switching Time
50 %
0 V
3 V
tOFF
tON
VO
VS
tr < 20 ns
tf < 20 ns
Logic
Input
Switch
Input
Switch
Output
90 %
CL
35 pF
RL
1 k
Ω
VO = VS
RL + rDS(on)
RL
VS = + 5 V
VO
V-
V+
IN
S
D
3 V
- 15 V
GND
+ 15 V


Similar Part No. - DG200BDJ

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
DG200BA HARRIS-DG200BA Datasheet
90Kb / 8P
   CMOS Dual/Quad SPST Analog Switches
logo
Intersil Corporation
DG200BA INTERSIL-DG200BA Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
logo
Harris Corporation
DG200BK HARRIS-DG200BK Datasheet
90Kb / 8P
   CMOS Dual/Quad SPST Analog Switches
logo
Intersil Corporation
DG200BK INTERSIL-DG200BK Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
DG200BL INTERSIL-DG200BL Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
More results

Similar Description - DG200BDJ

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG200A TEMIC-DG200A Datasheet
74Kb / 5P
   Monolithic Dual SPST CMOS Analog Switch
logo
Vishay Siliconix
DG200A VISHAY-DG200A Datasheet
43Kb / 5P
   Monolithic Dual SPST CMOS Analog Switch
Rev. E, 05-Oct-00
DG200A_MIL VISHAY-DG200A_MIL Datasheet
59Kb / 6P
   Monolithic Dual SPST CMOS Analog Switch
18-Jul-08
logo
Maxim Integrated Produc...
DG200A MAXIM-DG200A Datasheet
179Kb / 6P
   Dual Monolithic SPST CMOS Analog Switch
19-0484; Rev 1; 5/96
logo
Vishay Siliconix
DG200AMIL VISHAY-DG200AMIL Datasheet
56Kb / 6P
   Monolithic Dual SPST CMOS Analog Switch
Rev. E, 05-Oct-00
logo
Intersil Corporation
DG308A INTERSIL-DG308A_01 Datasheet
187Kb / 7P
   Quad Monolithic SPST, CMOS Analog Switch
DG308A INTERSIL-DG308A Datasheet
113Kb / 7P
   Quad Monolithic SPST, CMOS Analog Switch
November 1999
HI-200883 INTERSIL-HI-200883 Datasheet
326Kb / 11P
   Dual SPST CMOS Analog Switch
logo
Vishay Siliconix
DG271MIL VISHAY-DG271MIL Datasheet
68Kb / 5P
   High-Speed Quad Monolithic SPST CMOS Analog Switch
Rev. G, 23-Aug-99
DG271B VISHAY-DG271B Datasheet
55Kb / 4P
   High-Speed Quad Monolithic SPST CMOS Analog Switch
Rev. B, 15-Nov-04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com