Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG418BDQ-T1-E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG418BDQ-T1-E3
Description  Precision Monolithic Quad SPST CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG418BDQ-T1-E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  DG418BDQ-T1-E3 Datasheet HTML 1Page - Vishay Siliconix DG418BDQ-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG418BDQ-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG418BDQ-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG418BDQ-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG418BDQ-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG418BDQ-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG418BDQ-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG418BDQ-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Document Number: 72107
S-71009–Rev. C, 14-May-07
www.vishay.com
5
Vishay Siliconix
DG417B/418B/419B
TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
On-Resistance vs. VD and Unipolar Power Supply Voltage
On-Resistance vs. VD and Temperature
Leakage vs. Analog Voltage
0
50
100
150
200
250
300
0
4
8
12
16
20
V+ = 3.0 V
VL = 3 V
V+ = 5.0 V
TA = 25 °C
VL = 5 V
VD – Drain Voltage (V)
V+ = 8.0 V
V+ = 12.0 V
V+ = 15.0 V
V+ = 20.0 V
5
10
15
20
25
30
- 15
- 10
- 5
0
5
10
15
- 55 °C
V ± = ± 15 V
VL = 5 V
25 °C
85 °C
VD – Drain Voltage (V)
125 °C
- 100
- 80
- 60
- 40
- 20
0
20
40
60
80
100
-15
- 10
- 5
0
5
10
15
VD or VS – Drain or Source Voltage (V)
V ± = ± 15 V
VL = 5 V
TA = 25 °C
IS(off)
ID(off)
ID(on)
On-Resistance vs. VD and Dual Supply Voltage
On-Resistance vs. VD and Temperature
Supply Current vs. Input Switching Frequency
5
10
15
20
25
30
35
40
- 20
- 15
- 10
- 5
0
5
10
15
20
VD – Drain Voltage (V)
TA = 25 °C
± 5 V
± 8 V
± 10 V
± 15 V
± 20 V
± 12 V
5
10
15
20
25
30
35
40
45
50
02468
10
12
- 55 °C
25 °C
85 °C
VD – Drain Voltage (V)
125 °C
V+ = 12 V
V- = 0 V
VL = 5 V
Input Switching Frequency (Hz)
10
100
1 K
10 K
100 K
1 M
10 M
100 p
10 n
100 n
1 m
100 m
1 µ
10 µ
100 µ
10 m
1 n
V ± = ± 15 V
VL = 5 V
IL
I+, I-


Similar Part No. - DG418BDQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG418BDQ-T1-E3 VISHAY-DG418BDQ-T1-E3 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG418BDQ-T1-E3 VISHAY-DG418BDQ-T1-E3 Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results

Similar Description - DG418BDQ-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG418BDQ-T1 VISHAY-DG418BDQ-T1 Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com