Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG401BDJ Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG401BDJ
Description  Low-Power, High-Speed CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG401BDJ Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG401BDJ Datasheet HTML 2Page - Vishay Siliconix DG401BDJ Datasheet HTML 3Page - Vishay Siliconix DG401BDJ Datasheet HTML 4Page - Vishay Siliconix DG401BDJ Datasheet HTML 5Page - Vishay Siliconix DG401BDJ Datasheet HTML 6Page - Vishay Siliconix DG401BDJ Datasheet HTML 7Page - Vishay Siliconix DG401BDJ Datasheet HTML 8Page - Vishay Siliconix DG401BDJ Datasheet HTML 9Page - Vishay Siliconix DG401BDJ Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DG401B/403B/405B
Vishay Siliconix
New Product
www.vishay.com
8
Document Number: 73069
S-42444—Rev. A, 10-Jan-05
APPLICATIONS
DG403B
Right
Right
Left
Left
Channel
Select
Source 1
Source 2
TTL
Left
Right
−15 V
+15 V
GND
V−
V+
S1
IN2
S3
S2
S4
D1
D3
D2
D4
IN1
DG403B
Integrate/
Reset
Slope
Select
TTL
+
−15 V
+15 V
GND
V−
V+
S1
IN2
S3
S2
S4
D1
D3
D2
D4
IN1
C1
C2
eout
ein
FIGURE 9.
Stereo Source Selector
FIGURE 10.
Dual Slope Integrator
Dual Slope Integrators
The DG403B is well suited to configure a selectable slope
integrator. One control signal selects the timing capacitor C1
or C2. Another one selects ein or discharges the capacitor in
preparation for the next integration cycle.
Band-Pass Switched Capacitor Filter
Single-pole double-throw switches are a common element for
switched capacitor networks and filters. The fast switching
times and low leakage of the DG403B allow for higher clock
rates and consequently higher filter operating frequencies.
−15 V
+15 V
GND
V−
V+
Clock
+
eout
ein
DG403B
S1
IN2
S3
S2
S4
D1
D3
D2
D4
IN1
FIGURE 11.
Band-Pass Switched Capacitor Filter


Similar Part No. - DG401BDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG401BDJ VISHAY-DG401BDJ Datasheet
172Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
Rev. B, 07-Feb-11
DG401BDJ-E3 VISHAY-DG401BDJ-E3 Datasheet
172Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
Rev. B, 07-Feb-11
More results

Similar Description - DG401BDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG401 VISHAY-DG401_09 Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
DG401 VISHAY-DG401 Datasheet
195Kb / 12P
   Low-Power, High-Speed CMOS Analog Switches
Rev. H, 11-Jun-07
logo
TEMIC Semiconductors
DG401 TEMIC-DG401 Datasheet
170Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
logo
Vishay Siliconix
DG401B VISHAY-DG401B_11 Datasheet
172Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
Rev. B, 07-Feb-11
DG401B VISHAY-DG401B_V01 Datasheet
178Kb / 14P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG611 VISHAY-DG611_08 Datasheet
130Kb / 10P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. H, 11-Jun-07
logo
Maxim Integrated Produc...
MAX4617 MAXIM-MAX4617_12 Datasheet
202Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 3; 12/12
MAX4617 MAXIM-MAX4617_V01 Datasheet
1Mb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4617 MAXIM-MAX4617 Datasheet
179Kb / 16P
   High-Speed, Low-Voltage, CMOS Analog Multiplexers/Switches
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com