Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG406B Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG406B
Description  16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG406B Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG406B Datasheet HTML 3Page - Vishay Siliconix DG406B Datasheet HTML 4Page - Vishay Siliconix DG406B Datasheet HTML 5Page - Vishay Siliconix DG406B Datasheet HTML 6Page - Vishay Siliconix DG406B Datasheet HTML 7Page - Vishay Siliconix DG406B Datasheet HTML 8Page - Vishay Siliconix DG406B Datasheet HTML 9Page - Vishay Siliconix DG406B Datasheet HTML 10Page - Vishay Siliconix DG406B Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Document Number: 72552
S-71061–Rev. B, 21-May-07
www.vishay.com
7
Vishay Siliconix
DG406B/407B
TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
Supply Current vs. Input Switching Frequency
Switching Time vs. Single Supplies
Insertion Loss, Off -Isolation
Crosstalk vs. Frequency
Input Switching Frequency (Hz)
10
100
1 K
10 K
100 K
1 M
10 M
100 p
10 n
100 n
1 m
100 m
1 µ
10 µ
100 µ
10 m
1 n
V ± = ± 15 V
I+
I-
25
50
75
100
125
150
175
200
225
250
275
300
5
101520
tON(en)
Supply Voltage (V)
tTRANS
tOFF(en)
- 10
100 k
- 110
1 M
- 30
10
- 70
- 50
100 M
1 G
Frequency (Hz)
- 90
Loss
10 M
OIRR
XTALK
V+ = 15 V
V - = - 15 V
RL = 50 Ω
Switching Time vs. Bipolar Supplies
Switching Threshold vs. Supply Voltage
Charge Injection vs. Analog Voltage
25
50
75
100
125
150
175
200
tON(en)
Supply Voltage (V)
tTRANS
tOFF(en)
± 5
± 10
± 15
± 20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
5
1015202530
V+ – Supply Voltage (V)
- 35
- 30
- 25
- 20
- 15
- 10
- 5
0
5
10
15
20
25
30
35
- 1 5 - 12
- 9
- 6
- 3
0
3
6
9
12
15
VS – Analog Voltage (V)
V = 15 V
V+ = 12 V
C = 1 nF
V = 5 V


Similar Part No. - DG406B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG406B VISHAY-DG406B Datasheet
202Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. C, 07-Feb-11
DG406B VISHAY-DG406B Datasheet
212Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406BDJ VISHAY-DG406BDJ Datasheet
202Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. C, 07-Feb-11
DG406BDJ-E3 VISHAY-DG406BDJ-E3 Datasheet
202Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. C, 07-Feb-11
DG406BDN VISHAY-DG406BDN Datasheet
202Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. C, 07-Feb-11
More results

Similar Description - DG406B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG406 VISHAY-DG406 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
DG406B VISHAY-DG406B_V01 Datasheet
212Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406B VISHAY-DG406B_11 Datasheet
202Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. C, 07-Feb-11
DG406 VISHAY-DG406_V01 Datasheet
207Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406DN-E3 VISHAY-DG406DN-E3 Datasheet
199Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 07-Feb-11
DG406 VISHAY-DG406_11 Datasheet
198Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 07-Feb-11
DG408MIL VISHAY-DG408MIL Datasheet
198Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408 Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
DG408 VISHAY-DG408_V01 Datasheet
291Kb / 17P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
186Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com