Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG407B Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG407B
Description  16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG407B Datasheet(HTML) 5 Page - Vishay Siliconix

  DG407B Datasheet HTML 1Page - Vishay Siliconix DG407B Datasheet HTML 2Page - Vishay Siliconix DG407B Datasheet HTML 3Page - Vishay Siliconix DG407B Datasheet HTML 4Page - Vishay Siliconix DG407B Datasheet HTML 5Page - Vishay Siliconix DG407B Datasheet HTML 6Page - Vishay Siliconix DG407B Datasheet HTML 7Page - Vishay Siliconix DG407B Datasheet HTML 8Page - Vishay Siliconix DG407B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Document Number: 72552
S-71061–Rev. B, 21-May-07
www.vishay.com
5
Vishay Siliconix
DG406B/407B
Notes:
a. Guaranteed by ± 15 V leakage test, not production tested.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
g.
Δr
DS(on) = rDS(on) MAX - rDS(on) MIN.
h. Worst case isolation occurs on Channel 4 due to proximity to the drain pin.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS FOR SINGLE SUPPLY
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 12 V, V- = 0 V
VAL = 0.8 V, VAH = 2.4 V
f
Tempb
Typc
A Suffix
- 55 to 125 °C
D Suffix
- 40 to 85 °C
Unit
Mind
Maxd
Mind
Maxd
Analog Switch
Analog Signal Rangee
VANALOG
Full
0120
12
V
Drain-Source
On-Resistance
rDS(on)
VD = 3 V, IS = - 1 mA
Sequence Each Switch On
Room
78
100
100
Ω
rDS(on) Matching Between
Channelsg
Δr
DS(on)
Room
5
%
Source Off Leakage Currenta
IS(off)
VEN = 0 V
VD = 10 V or 0.5 V
VS = 0.5 V or 10 V
Room
- 0.5
0.5
- 0.5
0.5
nA
Drain Off Leakage Currenta
ID(off)
DG406B
Room
- 1
1
- 1
1
DG407B
Room
- 1
1
- 1
1
Drain On Leakage Currenta
ID(on)
VS = VD = ± 10 V
Sequence Each
Switch On
DG406B
Room
- 1
1
- 1
1
DG407B
Room
- 1
1
- 1
1
Dynamic Characteristics
Switching Time of Multiplexer
tTRANS
VS1 = 8 V, VS8 = 0 V, VIN = 2.4 V Room
130
163
163
ns
Enable Turn-On Time
tON(EN)
VINH = 2.4 V, VINL = 0 V
VS1 = 5 V
Room
93
125
125
Enable Turn-Off Time
tOFF(EN)
Room
63
94
94
Charge Injection
Q
CL = 1 nF, VS = 6 V, RS = 0
Room
9
pC
Power Supplies
Positive Supply Current
I+
VEN = 0 V or 5 V, VA = 0 V or 5 V
Room
Full
13
30
75
30
75
µA
Negative Supply Current
I-
Room
Full
- 0.01
- 20
- 20
- 20
- 20


Similar Part No. - DG407B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG407B VISHAY-DG407B Datasheet
202Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. C, 07-Feb-11
DG407B VISHAY-DG407B Datasheet
212Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
More results

Similar Description - DG407B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG406 VISHAY-DG406 Datasheet
152Kb / 12P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. I, 14-May-07
DG406B VISHAY-DG406B_V01 Datasheet
212Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406B VISHAY-DG406B_11 Datasheet
202Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. C, 07-Feb-11
DG406 VISHAY-DG406_V01 Datasheet
207Kb / 14P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG406DN-E3 VISHAY-DG406DN-E3 Datasheet
199Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 07-Feb-11
DG406 VISHAY-DG406_11 Datasheet
198Kb / 16P
   16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
Rev. J, 07-Feb-11
DG408MIL VISHAY-DG408MIL Datasheet
198Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
DG408 VISHAY-DG408 Datasheet
157Kb / 12P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. G, 11-Jun-07
DG408 VISHAY-DG408_V01 Datasheet
291Kb / 17P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
08-Feb-17
DG409AK-E3 VISHAY-DG409AK-E3 Datasheet
186Kb / 16P
   8-Ch/Dual 4-Ch High-Performance CMOS Analog Multiplexers
Rev. A, 23-May-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com