Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG408LDY-E3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG408LDY-E3
Description  Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG408LDY-E3 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG408LDY-E3 Datasheet HTML 4Page - Vishay Siliconix DG408LDY-E3 Datasheet HTML 5Page - Vishay Siliconix DG408LDY-E3 Datasheet HTML 6Page - Vishay Siliconix DG408LDY-E3 Datasheet HTML 7Page - Vishay Siliconix DG408LDY-E3 Datasheet HTML 8Page - Vishay Siliconix DG408LDY-E3 Datasheet HTML 9Page - Vishay Siliconix DG408LDY-E3 Datasheet HTML 10Page - Vishay Siliconix DG408LDY-E3 Datasheet HTML 11Page - Vishay Siliconix DG408LDY-E3 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.vishay.com
8
Document Number: 71342
S-71241–Rev. E, 25-Jun-07
Vishay Siliconix
DG408L/409L
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Leakage Current vs. Analog Voltage
Charge Injection vs. Analog Voltage
Drain/Source Capacitance vs. Analog Voltage
- 40
- 30
- 20
- 10
0
10
- 5
- 3
- 1
1
3
5
VD, VS – Analog Voltage (V)
IS(off)
ID(on)
ID(off)
0.0
0.2
0.4
0.6
0.8
1.0
- 5
0
5
10
VS – Source Voltage (V)
V+ = 5 V
V- = - 5 V
V+ = 5 V
V- = 0 V
V+ = 12 V
V- = 0 V
CL = 1000 pF
0
5
10
15
20
25
30
35
0
246
8
10
12
CS(off)
V+ = 12 V
V– = 0 V
CD(off)
CD(on)
Switching Time vs. Dual Power Supply Voltage
Insertion Loss, Off Isolation and Crosstalk
vs. Frequency (Single Supply)
Drain/Source Capacitance vs. Analog Voltage
0
5
10
15
20
25
30
35
40
345
6
± – Dual Power Supply Voltage (V)
tTRANS
tON
tOFF
0.1
- 110
1
- 30
10
- 70
- 50
100
1000
- 90
V+ = 3 V
V- = 0 V
RL = 50 Ω
Off Isolation
Crosstalk
Insertion Loss
- 3 dB = 280 MHz
10
- 10
Frequency (MHz)
0
5
10
15
20
25
30
35
- 5
- 4
- 3
- 2
- 1
0
1
2
3
4
5
V+ = 5 V
V- = - 5 V
CS(off)
CD(off)
CD(on)


Similar Part No. - DG408LDY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG408L VISHAY-DG408L Datasheet
216Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. G, 30-May-11
DG408L VISHAY-DG408L Datasheet
93Kb / 11P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 07-Apr-03
DG408L VISHAY-DG408L Datasheet
277Kb / 16P
   Precision 8-Ch / Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG408LE VISHAY-DG408LE Datasheet
395Kb / 18P
   17ohm, 12 V / ± 5 V / 5 V / 3 V, 8-Ch / Dual 4-Ch High Performance Analog Multiplexers
Rev.A, 07-Mar-16
DG408LE VISHAY-DG408LE Datasheet
395Kb / 18P
   17 ?? 12 V / 짹 5 V / 5 V / 3 V, 8-Ch / Dual 4-Ch High Performance Analog Multiplexers
08-Feb-17
More results

Similar Description - DG408LDY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9408 VISHAY-DG9408 Datasheet
121Kb / 12P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. A, 05-Aug-02
DG9408 VISHAY-DG9408_11 Datasheet
228Kb / 16P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. C, 20-Jun-11
DG3408 VISHAY-DG3408_11 Datasheet
148Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. E, 28-Feb-11
DG3408 VISHAY-DG3408 Datasheet
170Kb / 14P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 30-Apr-07
DG408L VISHAY-DG408L_11 Datasheet
216Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. G, 30-May-11
DG408L VISHAY-DG408L_V01 Datasheet
277Kb / 16P
   Precision 8-Ch / Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG408L VISHAY-DG408L Datasheet
93Kb / 11P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. D, 07-Apr-03
DG3408 VISHAY-DG3408_V01 Datasheet
215Kb / 15P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
08-Feb-17
DG9408 VISHAY-DG9408_08 Datasheet
178Kb / 13P
   Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
Rev. B, 07-Apr-08
DG9051 VISHAY-DG9051 Datasheet
165Kb / 12P
   Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
Rev. A, 10-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com