Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG611DJ Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG611DJ
Description  High-Speed, Low-Glitch D/CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG611DJ Datasheet(HTML) 4 Page - Vishay Siliconix

  DG611DJ Datasheet HTML 1Page - Vishay Siliconix DG611DJ Datasheet HTML 2Page - Vishay Siliconix DG611DJ Datasheet HTML 3Page - Vishay Siliconix DG611DJ Datasheet HTML 4Page - Vishay Siliconix DG611DJ Datasheet HTML 5Page - Vishay Siliconix DG611DJ Datasheet HTML 6Page - Vishay Siliconix DG611DJ Datasheet HTML 7Page - Vishay Siliconix DG611DJ Datasheet HTML 8Page - Vishay Siliconix DG611DJ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 70057
S-71155–Rev. H, 11-Jun-07
Vishay Siliconix
DG611/612/613
SPECIFICATIONSa
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 15 V, V- = - 3 V
VL = 5 V, VIN = 4 V, 1 V
f
Tempb
Typc
A Suffix
- 55 to 125 °C
D Suffix
- 40 to 85 °C
Unit
Mind
Maxd
Mind
Maxd
Analog Switch
Analog Signal Rangee
VANALOG
V- = - 5 V, V+ = 12 V
Full
- 5
7
- 5
7
V
Switch On-Resistance
rDS(on)
IS = - 1 mA, VD = 0 V
Room
Full
18
45
60
45
60
Ω
Resistance Match Bet Ch.
Δr
DS(on)
Room
2
Source Off Leakage
IS(off)
VS = 0 V, VD = 10 V
Room
Hot
± 0.001
- 0.25
- 20
0.25
20
- 0.25
- 20
0.25
20
nA
Drain Off Leakage Current
ID(off)
VS = 10 V, VD = 0 V
Room
Hot
± 0.001
- 0.25
- 20
0.25
20
- 0.25
- 20
0.25
20
Switch On Leakage Current
ID(on)
VS = VD = 0 V
Room
Hot
± 0.001
- 0.4
- 40
0.4
40
- 0.4
- 40
0.4
40
Digital Control
Input Voltage High
VIH
Full
4
4
V
Input Voltage Low
VIL
Full
1
1
Input Current
IIN
Room
Hot
0.005
- 1
- 20
1
20
- 1
- 20
1
20
µA
Input Capacitance
CIN
Room
5
pF
Dynamic Characteristics
Off State Input Capacitance
CS(off)
VS = 0 V
Room
3
pF
Off State Output Capacitance
CD(off)
VD = 0 V
Room
2
On State Input Capacitance
CS(on)
VS = VD = 0 V
Room
10
Bandwidth
BW
RL = 50 Ω
Room
500
MHz
Turn-On Timee
tON
RL = 300 Ω, CL = 3 pF
VS = ± 2 V,
See Test Circuit, Figure 2
Room
12
25
25
ns
Turn-Off Timee
tOFF
Room
8
20
20
Turn-On Time
tON
RL = 300 Ω, CL = 75 pF
VS = ± 2 V,
See Test Circuit, Figure 2
Room
Full
19
35
50
35
50
Turn-Off Time
tOFF
Room
Full
16
25
35
25
35
Charge Injectione
Q
CL = 1 nF, VS = 0 V
Room
4
pC
Ch. Injection Changee,g
ΔQ
CL = 1 nF, |VS| ≤ 3 V
Room
3
4
4
Off Isolatione
OIRR
RIN = 50 Ω, RL = 50 Ω
f = 5 MHz
Room
74
dB
Crosstalke
XTALK
RIN = 10 Ω, RL = 50 Ω
f = 5 MHz
Room
87
Power Supplies
Positive Supply Current
I+
VIN = 0 V or 5 V
Room
Full
0.005
1
5
1
5
µA
Negative Supply Current
I-
Room
Full
- 0.005
- 1
- 5
- 1
- 5
Logic Supply Current
IL
Room
Full
0.005
1
5
1
5
Ground Current
IGND
Room
Full
- 0.005
- 1
- 5
- 1
- 5


Similar Part No. - DG611DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611DJ VISHAY-DG611DJ Datasheet
91Kb / 8P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. G, 13-Sep-99
DG611DJ VISHAY-DG611DJ Datasheet
179Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. I, 31-Jan-11
DG611DJ VISHAY-DG611DJ Datasheet
187Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
08-Feb-17
DG611DJ-E3 VISHAY-DG611DJ-E3 Datasheet
179Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. I, 31-Jan-11
DG611DJ-E3 VISHAY-DG611DJ-E3 Datasheet
187Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
08-Feb-17
More results

Similar Description - DG611DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG611 VISHAY-DG611 Datasheet
91Kb / 8P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. G, 13-Sep-99
DG611 VISHAY-DG611_11 Datasheet
179Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
Rev. I, 31-Jan-11
DG611 VISHAY-DG611_V01 Datasheet
187Kb / 15P
   High-Speed, Low-Glitch D/CMOS Analog Switches
08-Feb-17
DG9421 VISHAY-DG9421_08 Datasheet
152Kb / 10P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. F, 29-Sep-08
DG9422 VISHAY-DG9422_V01 Datasheet
257Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
01-Jan-2022
DG9421 VISHAY-DG9421 Datasheet
71Kb / 8P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. C, 26-Aug-02
DG9421 VISHAY-DG9421_11 Datasheet
236Kb / 14P
   Precision Low-Voltage, Low-Glitch CMOS Analog Switches
Rev. G, 18-Jul-11
DG401B VISHAY-DG401B Datasheet
142Kb / 10P
   Low-Power, High-Speed CMOS Analog Switches
Rev. A, 10-Jan-05
DG401 VISHAY-DG401_V01 Datasheet
250Kb / 15P
   Low-Power, High-Speed CMOS Analog Switches
08-Feb-17
DG401 VISHAY-DG401_09 Datasheet
262Kb / 17P
   Low-Power, High-Speed CMOS Analog Switches
Rev. I, 30-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com