Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG412DJ-E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG412DJ-E3
Description  Precision Monolithic Quad SPST CMOS Analog Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG412DJ-E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG412DJ-E3 Datasheet HTML 1Page - Vishay Siliconix DG412DJ-E3 Datasheet HTML 2Page - Vishay Siliconix DG412DJ-E3 Datasheet HTML 3Page - Vishay Siliconix DG412DJ-E3 Datasheet HTML 4Page - Vishay Siliconix DG412DJ-E3 Datasheet HTML 5Page - Vishay Siliconix DG412DJ-E3 Datasheet HTML 6Page - Vishay Siliconix DG412DJ-E3 Datasheet HTML 7Page - Vishay Siliconix DG412DJ-E3 Datasheet HTML 8Page - Vishay Siliconix DG412DJ-E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number: 70050
S-71241–Rev. E, 25-Jun-07
Vishay Siliconix
DG411/412/413
Notes:
a.Refer to PROCESS OPTION FLOWCHART.
b.Room = 25 °C, Full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
SPECIFICATIONS FOR UNIPOLAR SUPPLIESa
Parameter
Symbol
Test Conditions
Unless Specified
V+ = 12 V, V- = 0 V
VL = 5 V, VIN = 2.4 V, 0.8 V
f
Tempb
Typc
A Suffix
- 55 to 125 °C
D Suffix
- 40 to 85 °C
Unit
Mind
Maxd
Mind
Maxd
Analog Switch
Analog Signal Rangee
VANALOG
Full
12
12
V
Drain-Source
On-Resistance
rDS(on)
V+ = 10.8 V,
IS = - 10 mA, VD = 3 V, 8 V
Room
Full
40
80
100
80
100
Ω
Dynamic Characteristics
Turn-On Time
tON
RL = 300 Ω, CL = 35 pF
VS = 8 V, See Figure 2
Room
Hot
175
250
400
250
315
ns
Turn-Off Time
tOFF
Room
Hot
95
125
140
125
140
Break-Before-Make
Time Delay
tD
DG413 Only, VS = 8 V
RL = 300 Ω, CL = 35 pF
Room
25
Charge Injection
Q
Vg = 6 V, Rg = 0 Ω, CL = 10 nF
Room
25
pC
Power Supplies
Positive Supply Current
I+
V+ = 13.5 V, VIN = 0 or 5 V
Room
Hot
0.0001
1
5
1
5
µA
Negative Supply Current
I-
Room
Hot
- 0.0001
- 1
- 5
- 1
- 5
Logic Supply Current
IL
Room
Hot
0.0001
1
5
1
5
Ground Current
IGND
Room
Hot
- 0.0001
- 1
- 5
- 5
On-Resistance vs. VD and Power Supply Voltage
VD – Drain Voltage (V)
- 20
- 15
- 10
- 5
0
5
10
15
20
45
40
35
30
25
20
15
10
5
0
50
TA = 25 °C
± 5 V
± 8 V
± 10 V
± 12 V
± 15 V
± 20 V
On-Resistance vs. VD and Unipolar Supply Voltage
0
2
4
6
8
1012
14161820
0
50
100
150
200
250
300
VL = 5 V
V+ = 3 V
VL = 3 V
8 V
V+ = 5 V
12 V
15 V
20 V
VD – Drain Voltage (V)


Similar Part No. - DG412DJ-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG412DJ-E3 VISHAY-DG412DJ-E3 Datasheet
204Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. G, 13-Jun-11
More results

Similar Description - DG412DJ-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG418BDQ-T1 VISHAY-DG418BDQ-T1 Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com