Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2303DL-T1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG2303DL-T1
Description  High-Speed, Low rON, 1.8-V/2.5-V/3.3-V/5-V, SPST Analog Switch (1-Bit Bus Switch)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2303DL-T1 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG2303DL-T1 Datasheet HTML 1Page - Vishay Siliconix DG2303DL-T1 Datasheet HTML 2Page - Vishay Siliconix DG2303DL-T1 Datasheet HTML 3Page - Vishay Siliconix DG2303DL-T1 Datasheet HTML 4Page - Vishay Siliconix DG2303DL-T1 Datasheet HTML 5Page - Vishay Siliconix DG2303DL-T1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vishay Siliconix
DG2303
Document Number: 72073
S-70852-Rev. B, 30-Apr-07
www.vishay.com
1
High-Speed, Low rON, 1.8-V/2.5-V/3.3-V/5-V, SPST Analog Switch
(1-Bit Bus Switch)
FEATURES
SC-70 5-Lead Package
•5
Ω Switch Connection Between Two Ports
Minimal Propagation Delay
Through The Switch
Low ICC
Zero Bounce In Flow-Through Mode
Control Inputs Compatible with TTL Level
DESCRIPTION
The DG2303 is a high-speed, 1-bit, low power, TTL-
compatible bus switch. Using sub-micron CMOS technology,
DG2303
achieves
low
on-resistance
and
negligible
propagation delay.
The DG2303 consist of a bi-directional input/output pins A
and B. When the output enable (OE) is low, the input/output
pins are connected. When the OE is high, the switch is open
and a high-impedance state exists between input/output pins
A and B.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
* Pb containing terminations are not RoHS compliant, exemptions may apply
V+
OE
1
2
3
5
Top View
A
B
GND
4
SC-70
Device Marking: E6
TRUTH TABLE
OE
B
Function
L
HiZ State
Disconnect
H
A
Connect
ORDERING INFORMATION
Temp Range
Package
Part Number
- 40 to 85 °C
SC70-5
DG2303DL-T1
DG2303DL-T1-E3
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - DG2303DL-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2303DL VISHAY-DG2303DL Datasheet
47Kb / 5P
   High-Speed, Low rON, 1.8-V/2.5-V/3.3-V/5-V, SPST Analog Switch (1-Bit Bus Switch)
Rev. A, 03-Mar-03
More results

Similar Description - DG2303DL-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2303 VISHAY-DG2303 Datasheet
47Kb / 5P
   High-Speed, Low rON, 1.8-V/2.5-V/3.3-V/5-V, SPST Analog Switch (1-Bit Bus Switch)
Rev. A, 03-Mar-03
DG2301 VISHAY-DG2301_08 Datasheet
84Kb / 5P
   High-Speed, Low rON, SPST Analog Switch (1-Bit Bus Switch)
Rev. B, 30-Apr-07
DG2301 VISHAY-DG2301 Datasheet
29Kb / 4P
   High-Speed, Low rON, SPST Analog Switch (1-Bit Bus Switch)
Rev. A, 03-Mar-03
logo
Texas Instruments
TS5A4596 TI-TS5A4596_15 Datasheet
871Kb / 21P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595_15 Datasheet
684Kb / 17P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
SN74CB3Q16210 TI-SN74CB3Q16210_07 Datasheet
259Kb / 15P
[Old version datasheet]   20-BIT SWITCH 2.5-V/3.3-V LOW-VOLTAGE FET BUS SWITCH
SN74CB3Q16245 TI-SN74CB3Q16245 Datasheet
101Kb / 9P
[Old version datasheet]   16-BIT SWITCH 2.5-V/3.3-V LOW-VOLTAGE FET BUS SWITCH
SN74CB3Q16210 TI-SN74CB3Q16210 Datasheet
196Kb / 11P
[Old version datasheet]   20 BIT SWITCH 2.5-V/3.3-V LOW-VOLTAGE FET BUS SWITCH
SN74CB3Q16211 TI-SN74CB3Q16211_07 Datasheet
401Kb / 18P
[Old version datasheet]   24 BIT SWITCH 2.5-V/3.3-V LOW-VOLTAGE FET BUS SWITCH
SN74CB3Q32245 TI-SN74CB3Q32245 Datasheet
279Kb / 10P
[Old version datasheet]   32 bit BUS SWITCH 2.5-V/3.3-V HIGH BANDWIDTH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com