Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2616 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG2616
Description  Low Voltage, Dual SPDT Analog Switch with Charge Pump
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2616 Datasheet(HTML) 4 Page - Vishay Siliconix

  DG2616 Datasheet HTML 1Page - Vishay Siliconix DG2616 Datasheet HTML 2Page - Vishay Siliconix DG2616 Datasheet HTML 3Page - Vishay Siliconix DG2616 Datasheet HTML 4Page - Vishay Siliconix DG2616 Datasheet HTML 5Page - Vishay Siliconix DG2616 Datasheet HTML 6Page - Vishay Siliconix DG2616 Datasheet HTML 7Page - Vishay Siliconix DG2616 Datasheet HTML 8Page - Vishay Siliconix DG2616 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number: 74411
S-82149-Rev. B, 08-Sep-08
Vishay Siliconix
DG2616, DG2617, DG2618
Notes:
a. Room = 25 °C, Full = as determined by the operating suffix.
b. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
c. Typical values are for design aid only, not guaranteed nor subject to production testing.
d. Guarantee by design, not subjected to production test.
e. VIN = input voltage to perform proper function.
f. Crosstalk measured between channels.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Parameter
Symbol
Test Conditions
Otherwise Unless Specified
V+ = 3 V, ± 10 %, VIN = 0.5 or 1.4 V
e
Temp.a
Limits
- 40 °C to 85 °C
Unit
Min.b
Typ.c
Max.b
Power Supply
Power Supply Range
V+
1.5
3.6
V
Power Supply Current
I+
V+ = 3.6 V, VIN = 0 or V+, SHDN/EN = 0 V
Full
104
300
µA
V+ = 3.6 V, VIN = 0 or V+, SHDN/EN = V+
0.1
2
SPECIFICATIONS V+ = 3 V


Similar Part No. - DG2616

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2616 VISHAY-DG2616 Datasheet
161Kb / 10P
   Low Voltage, Dual SPDT Analog Switch with Charge Pump
01-Jan-2022
DG2616DN-T1-E4 VISHAY-DG2616DN-T1-E4 Datasheet
161Kb / 10P
   Low Voltage, Dual SPDT Analog Switch with Charge Pump
01-Jan-2022
DG2616 VISHAY-DG2616_V01 Datasheet
161Kb / 10P
   Low Voltage, Dual SPDT Analog Switch with Charge Pump
01-Jan-2022
More results

Similar Description - DG2616

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2616 VISHAY-DG2616_V01 Datasheet
161Kb / 10P
   Low Voltage, Dual SPDT Analog Switch with Charge Pump
01-Jan-2022
logo
Union Semiconductor, In...
UM3258 UNIONSEMI-UM3258_16 Datasheet
370Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3258 UNIONSEMI-UM3258 Datasheet
434Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
UM3257 UNIONSEMI-UM3257 Datasheet
406Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
FSA2269 ONSEMI-FSA2269 Datasheet
779Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
July 2013 Rev. 1.1.5
logo
Union Semiconductor, In...
UM3257 UNIONSEMI-UM3257_16 Datasheet
368Kb / 10P
   Low-Voltage Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750_15 Datasheet
112Kb / 8P
   Low Voltage Dual SPDT Analog Switch
April, 2015 ??Rev. 3
FSA2267 ONSEMI-FSA2267 Datasheet
738Kb / 16P
   Low-Voltage Dual-SPDT Analog Switch
March 2012 Rev. 1.0.5
FSA2258 ONSEMI-FSA2258 Datasheet
645Kb / 12P
   Low-Voltage, Dual-SPDT Analog Switch
February 2012 Rev. 1.0.5
FSA2259 ONSEMI-FSA2259 Datasheet
205Kb / 11P
   Low-Voltage,Dual-SPDT Analog Switch
October-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com