Electronic Components Datasheet Search |
|
DG2536DQ-T1-E3 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
DG2536DQ-T1-E3 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 7 page Vishay Siliconix DG2535/DG2536 Document Number: 72939 S-71009-Rev. E, 14-May-07 www.vishay.com 1 0.35- Ω Low-Voltage Dual SPDT Analog Switch FEATURES • Low Voltage Operation • Low On-Resistance - rON: 0.35 Ω at 2.7 V • - 69 dB OIRR at 2.7 V, 100 kHz • MSOP-10 and DFN-10 Packages • ESD Protection > 2000 V • Latch-Up Current > 300 mA (JESD 78) BENEFITS • Reduced Power Consumption • High Accuracy • Reduce Board Space • 1.8 V Logic Compatible • High Bandwidth APPLICATIONS • Cellular Phones • Speaker Headset Switching • Audio and Video Signal Routing • PCMCIA Cards • Battery Operated Systems • Relay Replacement DESCRIPTION The DG2535/DG2536 is a sub 1 Ω (0.35 Ω at 2.7 V) dual SPDT analog switches designed for low voltage applications. The DG2535/DG2536 has on-resistance matching (less than 0.05 Ω at 2.7 V) and flatness (less than 0.2 Ω at 2.7 V) that are guaranteed over the entire voltage range. Additionally, low logic thresholds make the DG2535/DG2536 an ideal interface to low voltage DSP control signals. The DG2535/DG2536 has fast switching speed with break-before-make guaranteed. In the On condition, all switching elements conduct equally in both directions. Off-isolation and crosstalk is - 69 dB at 100 kHz. The DG2535/DG2536 is built on Vishay Siliconix’s high-density low voltage CMOS process. An eptiaxial layer is built in to prevent latchup. The DG2535/DG2536 contains the additional benefit of 2,000 V ESD protection. In space saving MSOP-10 and DFN-10 lead (Pb)-free packages, the DG2535/DG2536 are high performance, low rON switches for battery powered applications. No lead (Pb) is used in the manufacturing process either inside the device/ package or on the external terminations. As a committed partner to the community and the environment, Vishay Siliconix manufactures this product with the lead (Pb)-free device terminations. For analog switching products manufactured in DFN packages, the lead (Pb)-free "-E3/E4" suffix is being used as a designator. Lead (Pb)-free DFN products purchased at any time will have either a nickel-palladium-gold device termination or a 100 % matte tin device termination. The different lead (Pb)-free materials are interchangeable and meet all JEDEC standards for reflow and MSL rating. FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION NO2 COM2 IN2 1 2 3 10 9 Top View V+ NO1 COM1 8 DG2535 NC2 GND 4 5 7 IN1 NC1 6 NC2 COM2 IN2 1 2 3 10 9 Top View V+ NC1 COM1 8 DG2536 NO2 GND 4 5 7 IN1 NO1 6 TRUTH TABLE Logic NC1 and NC2 NO1 and NO2 0ON OFF 1OFF ON ORDERING INFORMATION Temp Range Package Part Number - 40 to 85 °C MSOP-10 DG2535DQ-T1-E3 DG2536DQ-T1-E3 DFN-10 DG2535DN-T1-E4 DG2536DN-T1-E4 RoHS COMPLIANT |
Similar Part No. - DG2536DQ-T1-E3 |
|
Similar Description - DG2536DQ-T1-E3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |