Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2707 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG2707
Description  High Speed, Low Voltage, 3 Ω, Differential 4:1 CMOS Analog Multiplexer/Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2707 Datasheet(HTML) 6 Page - Vishay Siliconix

  DG2707 Datasheet HTML 1Page - Vishay Siliconix DG2707 Datasheet HTML 2Page - Vishay Siliconix DG2707 Datasheet HTML 3Page - Vishay Siliconix DG2707 Datasheet HTML 4Page - Vishay Siliconix DG2707 Datasheet HTML 5Page - Vishay Siliconix DG2707 Datasheet HTML 6Page - Vishay Siliconix DG2707 Datasheet HTML 7Page - Vishay Siliconix DG2707 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
6
Document Number: 68397
S-80988-Rev. A, 05-May-08
Vishay Siliconix
DG2707
TEST CIRCUITS
Figure 1. Transition Time
IN1
IN2
ENABLE
GND
V
+
V
-
V
-
V
+
VO
50
Ω
50
Ω
35 pF
D
S1
S4
VS1
VS2
0 V
VCC
50 %
50 %
90 %
tTRANS
VO
VIN1,IN2
VS1 or VS2
V+
S2
S3
tr < 5 ns
tf < 5 ns
90 %
tTRANS
Figure 2. Enable Switching Time
IN1
IN2
ENABLE
GND
V
+
V
-
V
-
V
+
VO
50
Ω
50
Ω
35 pF
D
S1
S3
0 V
VCC
50 %
50 %
90 %
tON
S1 ON
VO
VENABLE
VS1
tr < 5 ns
tf < 5 ns
VS1
0 V
S2
S4
90 %
tOFF
Figure 3. Break-Before Make
IN1
IN2
ENABLE
GND
V+
V-
V-
VO
50
Ω
50
Ω
35 pF
D
S1
0 V
VCC
50 %
90 %
tBBM
VO
VIN1, IN2
VS
VS
V+
0 V
V+
S2
S3
S4
tr < 5 ns
tf < 5 ns


Similar Part No. - DG2707

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2707 VISHAY-DG2707 Datasheet
146Kb / 9P
   High Speed, Low Voltage, 3ohm , Differential 4:1 CMOS Analog Multiplexer/Switch
Rev. B, 07-Feb-11
DG2707DN-T1-E4 VISHAY-DG2707DN-T1-E4 Datasheet
146Kb / 9P
   High Speed, Low Voltage, 3ohm , Differential 4:1 CMOS Analog Multiplexer/Switch
Rev. B, 07-Feb-11
DG2707DN-T1-E4 VISHAY-DG2707DN-T1-E4 Datasheet
174Kb / 10P
   High Speed, Low Voltage, 3 ?? Differential 4:1 CMOS Analog Multiplexer/Switch
01-Jan-2022
DG2707 VISHAY-DG2707_11 Datasheet
146Kb / 9P
   High Speed, Low Voltage, 3ohm , Differential 4:1 CMOS Analog Multiplexer/Switch
Rev. B, 07-Feb-11
DG2707 VISHAY-DG2707_V01 Datasheet
174Kb / 10P
   High Speed, Low Voltage, 3 ?? Differential 4:1 CMOS Analog Multiplexer/Switch
01-Jan-2022
More results

Similar Description - DG2707

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2707 VISHAY-DG2707_V01 Datasheet
174Kb / 10P
   High Speed, Low Voltage, 3 ?? Differential 4:1 CMOS Analog Multiplexer/Switch
01-Jan-2022
DG2707 VISHAY-DG2707_11 Datasheet
146Kb / 9P
   High Speed, Low Voltage, 3ohm , Differential 4:1 CMOS Analog Multiplexer/Switch
Rev. B, 07-Feb-11
DG2706 VISHAY-DG2706 Datasheet
187Kb / 8P
   High Speed, Low Voltage, 3 Ω, Quad SPDT CMOS Analog Switch
Rev. A, 05-May-08
logo
SG Micro Corp
SGM84782 SGMICRO-SGM84782 Datasheet
481Kb / 10P
   4廓, High Speed, Low Voltage Analog Switch / Multiplexer
logo
Vishay Siliconix
DG451 VISHAY-DG451 Datasheet
182Kb / 9P
   High Voltage 4-Ω Quad SPST CMOS Analog Switch
Rev. D, 09-Jun-08
DG454 VISHAY-DG454 Datasheet
180Kb / 9P
   High Voltage 4-Ω Quad SPST CMOS Analog Switch
Rev. D, 09-Jun-08
logo
Intersil Corporation
HI-518 INTERSIL-HI-518_06 Datasheet
294Kb / 8P
   8-Channel/Differential 4-Channel, CMOS High Speed Analog Multiplexer
HI-518 INTERSIL-HI-518 Datasheet
170Kb / 8P
   8-Channel/Differential 4-Channel, CMOS High Speed Analog Multiplexer
June 1999
logo
Renesas Technology Corp
HI-518 RENESAS-HI-518 Datasheet
530Kb / 8P
   8-Channel/Differential 4-Channel, CMOS High Speed Analog Multiplexer
logo
Maxim Integrated Produc...
MAX4644 MAXIM-MAX4644 Datasheet
206Kb / 12P
   High-Speed, Low-Voltage, 4?? SPDT CMOS Analog Switch
Rev 0; 3/00
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com