Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F61656CFTV Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F61656CFTV
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
Download  892 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F61656CFTV Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F61656CFTV Datasheet HTML 3Page - Renesas Technology Corp R5F61656CFTV Datasheet HTML 4Page - Renesas Technology Corp R5F61656CFTV Datasheet HTML 5Page - Renesas Technology Corp R5F61656CFTV Datasheet HTML 6Page - Renesas Technology Corp R5F61656CFTV Datasheet HTML 7Page - Renesas Technology Corp R5F61656CFTV Datasheet HTML 8Page - Renesas Technology Corp R5F61656CFTV Datasheet HTML 9Page - Renesas Technology Corp R5F61656CFTV Datasheet HTML 10Page - Renesas Technology Corp R5F61656CFTV Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 892 page
background image
Rev. 2.00 Jun. 28, 2007 Page vii of xxiv
3. Description of Registers
Each register description includes a bit chart, illustrating the arrangement of bits, and a table of
bits, describing the meanings of the bit settings. The standard format and notation for bit charts
and tables are described below.
Indicates the bit number or numbers.
In the case of a 32-bit register, the bits are arranged in order from 31 to 0. In the case
of a 16-bit register, the bits are arranged in order from 15 to 0.
Indicates the name of the bit or bit field.
When the number of bits has to be clearly indicated in the field, appropriate notation is
included (e.g., ASID[3:0]).
A reserved bit is indicated by "
−".
Certain kinds of bits, such as those of timer counters, are not assigned bit names. In such
cases, the entry under Bit Name is blank.
(1) Bit
(2) Bit name
Indicates the value of each bit immediately after a power-on reset, i.e., the initial value.
0: The initial value is 0
1: The initial value is 1
−: The initial value is undefined
(3) Initial value
For each bit and bit field, this entry indicates whether the bit or field is readable or writable,
or both writing to and reading from the bit or field are impossible.
The notation is as follows:
R/W:
R/(W):
R:
W:
The bit or field is readable and writable.
The bit or field is readable and writable.
However, writing is only performed to flag clearing.
The bit or field is readable.
"R" is indicated for all reserved bits. When writing to the register, write
the value under Initial Value in the bit chart to reserved bits or fields.
The bit or field is writable.
Note:
The bit names and sentences in the above figure are examples, and have nothing to do with the contents of this
manual.
(4) R/W
Describes the function of the bit or field and specifies the values for writing.
(5) Description
Bit
15
13 to 11
10
9
0
All 0
0
0
1
R
R/W
R
R
Address Identifier
These bits enable or disable the pin function.
Reserved
This bit is always read as 0.
Reserved
This bit is always read as 1.
ASID2 to
ASID0
Bit Name
Initial Value R/W
Description
[Bit Chart]
[Table of Bits]
14
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0000001000000000
R/W
R/W
R/W
R/W
R/W
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ASID2

ACMP2
Q
IFE
ASID1 ASID0
ACMP1 ACMP0
0
R
(1)
(2)
(3)
(4)
(5)
Reserved
These bits are always read as 0.


Similar Part No. - R5F61656CFTV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F61653 RENESAS-R5F61653 Datasheet
5Mb / 1018P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
R5F61653M RENESAS-R5F61653M Datasheet
7Mb / 1374P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
R5F61653MD50FPV RENESAS-R5F61653MD50FPV Datasheet
7Mb / 1374P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
R5F61653MN50FPV RENESAS-R5F61653MN50FPV Datasheet
7Mb / 1374P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
R5F61653R RENESAS-R5F61653R Datasheet
7Mb / 1374P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
More results

Similar Description - R5F61656CFTV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8SX1648 RENESAS-H8SX1648 Datasheet
8Mb / 1472P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1651 RENESAS-H8SX1651 Datasheet
4Mb / 812P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
R5F61655N50FPV RENESAS-R5F61655N50FPV Datasheet
7Mb / 1376P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1668R RENESAS-H8SX1668R Datasheet
8Mb / 1504P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1658R RENESAS-H8SX1658R Datasheet
7Mb / 1374P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1650 RENESAS-H8SX1650 Datasheet
4Mb / 692P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1622 RENESAS-H8SX1622 Datasheet
6Mb / 1056P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1653 RENESAS-H8SX1653 Datasheet
5Mb / 1018P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1638 RENESAS-H8SX1638 Datasheet
6Mb / 1164P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1663 RENESAS-H8SX1663 Datasheet
7Mb / 1158P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com