Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4004A Datasheet(PDF) 1 Page - Dc Components

Part # 1N4004A
Description  TECHNICAL SPECIFICATIONS SILICON RECTIFIER VOLTAGE RANGE - 50 to 100 Volts CURRENT - 1.0 Ampere
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

1N4004A Datasheet(HTML) 1 Page - Dc Components

  1N4004A Datasheet HTML 1Page - Dc Components 1N4004A Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QFDSJGJFQ RPFDJBLJRSR
Q
DC COMPONENTS CO., LTD.
SFDINJDBL RPFDJGJDBSJONR OG RJLJDON QFDSJGJFQ
UOLSBHF QBNHF 2 :5 kg 6555 Ugdkj DTQQFNS 2 635 Beh^i^
GFBSTQFR
/ Ib`a i^dbZ[bdbkp
/ Lgn d^ZcZ`^
/ Lgn _ginZi] mgdkZ`^ ]igh
/ Ib`a \lii^fk \ZhZ[bdbkp
MFDIBNJDBL EBSB
/ DZj^? Mgd]^] hdZjkb\
/ Fhgop? TL >9U25 iZk^ _dZe^ i^kZi]Zfk
/ Mglfkbf` hgjbkbgf? Bfp
/ V^b`ak? 5377 `iZe
MBWJMTM QBSJNHR BNE FLFDSQJDBL DIBQBDSFQJRSJDR
QZkbf`j Zk 7: gD Ze[b^fk k^eh^iZkli^ lfd^jj gka^inbj^ jh^\b_b^]3
Rbf`d^ haZj^1 aZd_ nZm^1 ;5 Iq1 i^jbjkbm^ gi bf]l\kbm^ dgZ]3
Ggi \ZhZ\bkbm^ dgZ]1 ]^iZk^ \lii^fk [p 75,3
B295:
NOSFR ? M^Zjli^] Zk 6MIY Zf] Zhhdb^] i^m^ij^ mgdkZ`^ g_ 935 mgdkj
Ebe^fjbgfj bf bf\a^j Zf] -ebddbe^k^ij.
MZobele Q^\lii^fk P^Zc Q^m^ij^ UgdkZ`^
MZobele QMR UgdkZ`^
MZobele ED Cdg\cbf` UgdkZ`^
MZobele Bm^iZ`^ GginZi] Q^\kb_b^] Dlii^fk
Zk SB @::gD
P^Zc GginZi] Rli`^ Dlii^fk1 =38 ej jbf`d^ aZd_ jbf^2nZm^
jlh^ibehgj^] gf iZk^] dgZ] -KFEFD M^kag].
Oh^iZkbf` Zf] RkgiZ`^ S^eh^iZkli^ QZf`^
UQQM
UED
JO
JGRM
SK1SRSH
UQMR
Ugdkj
Ugdkj
Ugdkj
Behj
635
85
2;:kg06<:
Behj
5
D
TNJSR
Sphb\Zd Sa^ieZd Q^jbjkZf\^
Q + KB
:5
5
D4 V
:5
655
755
955
;55
=55
6555
<5
8:
695
7=5
975
<55
:;5
:5
755
955
;55
=55
6555
655
QL656
QL657
QL658
QL659
QL65:
QL65;
QL65<
Zk QZk^] ED Cdg\cbf` UgdkZ`^
MZobele Gldd LgZ] Q^m^ij^ Dlii^fk Bm^iZ`^1 Gldd Dp\d^
38<:r->3:ee. d^Z] d^f`ka Zk S L @<:gD
UG
JQ
636
:35
85
lBehj
lBehj
MZobele ED Q^m^ij^ Dlii^fk
MZobele JfjkZfkZf^glj GginZi] UgdkZ`^ Zk 635B ED
Ugdkj
ASB @7:gD
ASB @655gD
:55
/ L^Z]? MJL2RSE2757F1 M^kag] 75= `lZiZfk^^]
/ PgdZibkp? Dgdgi [Zf] ]^fgk^j \Zkag]^ ^f]
6N9556B 6N9557B 6N9558B 6N9559B 6N955:B 6N955;B 6N955<B
Sphb\Zd Klf\kbgf DZhZ\bkZf\^ -Ngk^.
DK
6:hG
6NQL
9556B
656
SIQT
6NQL
955<B
65<
RXMCOL
-,.
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - 1N4004A

ManufacturerPart #DatasheetDescription
logo
Rohm
1N4004A ROHM-1N4004A Datasheet
90Kb / 2P
   General purpose rectifier diode
logo
DAESAN ELECTRONIC CORP.
1N4004A DAESAN-1N4004A Datasheet
304Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
Guangdong Kexin Industr...
1N4004A KEXIN-1N4004A Datasheet
864Kb / 2P
   Rectifier Diodes
More results

Similar Description - 1N4004A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL1N4001 RECTRON-RL1N4001 Datasheet
23Kb / 2P
   SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Chenmko Enterprise Co. ...
1N4001PT CHENMKO-1N4001PT Datasheet
77Kb / 2P
   SILICON RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 1.0 Ampere
logo
List of Unclassifed Man...
1N4001PT ETC1-1N4001PT Datasheet
71Kb / 2P
   SILICON RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 1.0 Ampere
logo
WILLAS ELECTRONIC CORP
RL1N4001 WILLAS-RL1N4001 Datasheet
469Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
PACELEADER INDUSTRIAL
1N4933 PACELEADER-1N4933 Datasheet
885Kb / 2P
   VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
logo
WILLAS ELECTRONIC CORP
DB101 WILLAS-DB101 Datasheet
528Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
1F1 WILLAS-1F1 Datasheet
503Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
FFM101 WILLAS-FFM101 Datasheet
43Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
1N4001 WILLAS-1N4001 Datasheet
262Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
PACELEADER INDUSTRIAL
FR101 PACELEADER-FR101 Datasheet
534Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com