Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F61658MN50FPV Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F61658MN50FPV
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
Download  1374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F61658MN50FPV Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F61658MN50FPV Datasheet HTML 1Page - Renesas Technology Corp R5F61658MN50FPV Datasheet HTML 2Page - Renesas Technology Corp R5F61658MN50FPV Datasheet HTML 3Page - Renesas Technology Corp R5F61658MN50FPV Datasheet HTML 4Page - Renesas Technology Corp R5F61658MN50FPV Datasheet HTML 5Page - Renesas Technology Corp R5F61658MN50FPV Datasheet HTML 6Page - Renesas Technology Corp R5F61658MN50FPV Datasheet HTML 7Page - Renesas Technology Corp R5F61658MN50FPV Datasheet HTML 8Page - Renesas Technology Corp R5F61658MN50FPV Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 1374 page
background image
Rev. 2.00 Sep. 25, 2008 Page iv of xxx
General Precautions in the Handling of MPU/MCU Products
The following usage notes are applicable to all MPU/MCU products from Renesas. For detailed usage notes
on the products covered by this manual, refer to the relevant sections of the manual. If the descriptions under
General Precautions in the Handling of MPU/MCU Products and in the body of the manual differ from each
other, the description in the body of the manual takes precedence.
1. Handling of Unused Pins
Handle unused pins in accord with the directions given under Handling of Unused Pins in the
manual.
 The input pins of CMOS products are generally in the high-impedance state. In operation
with an unused pin in the open-circuit state, extra electromagnetic noise is induced in the
vicinity of LSI, an associated shoot-through current flows internally, and malfunctions occur
due to the false recognition of the pin state as an input signal become possible. Unused
pins should be handled as described under Handling of Unused Pins in the manual.
2. Processing at Power-on
The state of the product is undefined at the moment when power is supplied.
 The states of internal circuits in the LSI are indeterminate and the states of register
settings and pins are undefined at the moment when power is supplied.
In a finished product where the reset signal is applied to the external reset pin, the states
of pins are not guaranteed from the moment when power is supplied until the reset
process is completed.
In a similar way, the states of pins in a product that is reset by an on-chip power-on reset
function are not guaranteed from the moment when power is supplied until the power
reaches the level at which resetting has been specified.
3. Prohibition of Access to Reserved Addresses
Access to reserved addresses is prohibited.
 The reserved addresses are provided for the possible future expansion of functions. Do
not access these addresses; the correct operation of LSI is not guaranteed if they are
accessed.
4. Clock Signals
After applying a reset, only release the reset line after the operating clock signal has become
stable. When switching the clock signal during program execution, wait until the target clock
signal has stabilized.
 When the clock signal is generated with an external resonator (or from an external
oscillator) during a reset, ensure that the reset line is only released after full stabilization of
the clock signal. Moreover, when switching to a clock signal produced with an external
resonator (or by an external oscillator) while program execution is in progress, wait until
the target clock signal is stable.
5. Differences between Products
Before changing from one product to another, i.e. to one with a different type number, confirm
that the change will not lead to problems.
The characteristics of MPU/MCU in the same group but having different type numbers may
differ because of the differences in internal memory capacity and layout pattern. When
changing to products of different type numbers, implement a system-evaluation test for
each of the products.


Similar Part No. - R5F61658MN50FPV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F61653 RENESAS-R5F61653 Datasheet
5Mb / 1018P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
R5F61654 RENESAS-R5F61654 Datasheet
5Mb / 1018P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
R5F61655D50FPV RENESAS-R5F61655D50FPV Datasheet
7Mb / 1376P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
R5F61655D50LGV RENESAS-R5F61655D50LGV Datasheet
7Mb / 1376P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
R5F61655N50FPV RENESAS-R5F61655N50FPV Datasheet
7Mb / 1376P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
More results

Similar Description - R5F61658MN50FPV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8SX1648 RENESAS-H8SX1648 Datasheet
8Mb / 1472P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1651 RENESAS-H8SX1651 Datasheet
4Mb / 812P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
R5F61655N50FPV RENESAS-R5F61655N50FPV Datasheet
7Mb / 1376P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1668R RENESAS-H8SX1668R Datasheet
8Mb / 1504P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1650 RENESAS-H8SX1650 Datasheet
4Mb / 692P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1622 RENESAS-H8SX1622 Datasheet
6Mb / 1056P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1653 RENESAS-H8SX1653 Datasheet
5Mb / 1018P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1638 RENESAS-H8SX1638 Datasheet
6Mb / 1164P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1663 RENESAS-H8SX1663 Datasheet
7Mb / 1158P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
H8SX1657 RENESAS-H8SX1657 Datasheet
5Mb / 892P
   Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com