Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R4F2112R Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R4F2112R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
Download  984 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R4F2112R Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R4F2112R Datasheet HTML 3Page - Renesas Technology Corp R4F2112R Datasheet HTML 4Page - Renesas Technology Corp R4F2112R Datasheet HTML 5Page - Renesas Technology Corp R4F2112R Datasheet HTML 6Page - Renesas Technology Corp R4F2112R Datasheet HTML 7Page - Renesas Technology Corp R4F2112R Datasheet HTML 8Page - Renesas Technology Corp R4F2112R Datasheet HTML 9Page - Renesas Technology Corp R4F2112R Datasheet HTML 10Page - Renesas Technology Corp R4F2112R Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 984 page
background image
Rev. 1.00 May 09, 2008 Page vii of xxvi
3. Description of Registers
Each register description includes a bit chart, illustrating the arrangement of bits, and a table of
bits, describing the meanings of the bit settings. The standard format and notation for bit charts
and tables are described below.
Indicates the bit number or numbers.
In the case of a 32-bit register, the bits are arranged in order from 31 to 0. In the case
of a 16-bit register, the bits are arranged in order from 15 to 0.
Indicates the name of the bit or bit field.
When the number of bits has to be clearly indicated in the field, appropriate notation is
included (e.g., ASID[3:0]).
A reserved bit is indicated by "
−".
Certain kinds of bits, such as those of timer counters, are not assigned bit names. In such
cases, the entry under Bit Name is blank.
(1) Bit
(2) Bit name
Indicates the value of each bit immediately after a power-on reset, i.e., the initial value.
0: The initial value is 0
1: The initial value is 1
−: The initial value is undefined
(3) Initial value
For each bit and bit field, this entry indicates whether the bit or field is readable or writable,
or both writing to and reading from the bit or field are impossible.
The notation is as follows:
R/W:
R/(W):
R:
W:
The bit or field is readable and writable.
The bit or field is readable and writable.
However, writing is only performed to flag clearing.
The bit or field is readable.
"R" is indicated for all reserved bits. When writing to the register, write
the value under Initial Value in the bit chart to reserved bits or fields.
The bit or field is writable.
Note:
The bit names and sentences in the above figure are examples, and have nothing to do with the contents of this
manual.
(4) R/W
Describes the function of the bit or field and specifies the values for writing.
(5) Description
Bit
15
13 to 11
10
9
0
All 0
0
0
1
R
R/W
R
R
Address Identifier
These bits enable or disable the pin function.
Reserved
This bit is always read as 0.
Reserved
This bit is always read as 1.
ASID2 to
ASID0
Bit Name
Initial Value R/W
Description
[Table of Bits]
14
0
R
(1)
(2)
(3)
(4)
(5)
Reserved
These bits are always read as 0.


Similar Part No. - R4F2112R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R4F2112 RENESAS-R4F2112 Datasheet
5Mb / 894P
   16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
More results

Similar Description - R4F2112R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2125 RENESAS-H8S2125 Datasheet
4Mb / 700P
   16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2117R RENESAS-H8S2117R Datasheet
5Mb / 1024P
   16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2153 RENESAS-H8S2153 Datasheet
4Mb / 750P
   16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S-2357 RENESAS-H8S-2357 Datasheet
4Mb / 1047P
   16-Bit Single-Chip Microcomputer H8S Family H8S-2100 Series
H8S2112 RENESAS-H8S2112 Datasheet
5Mb / 894P
   16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S-2172 RENESAS-H8S-2172 Datasheet
4Mb / 570P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2100 Series
H8S2168 RENESAS-H8S2168 Datasheet
5Mb / 874P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2158 RENESAS-H8S2158 Datasheet
6Mb / 927P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
H8S2199R RENESAS-H8S2199R Datasheet
6Mb / 1222P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
H8S2111B RENESAS-H8S2111B Datasheet
3Mb / 582P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com