Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H838534H Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # H838534H
Description  16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
Download  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838534H Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button H838534H Datasheet HTML 2Page - Renesas Technology Corp H838534H Datasheet HTML 3Page - Renesas Technology Corp H838534H Datasheet HTML 4Page - Renesas Technology Corp H838534H Datasheet HTML 5Page - Renesas Technology Corp H838534H Datasheet HTML 6Page - Renesas Technology Corp H838534H Datasheet HTML 7Page - Renesas Technology Corp H838534H Datasheet HTML 8Page - Renesas Technology Corp H838534H Datasheet HTML 9Page - Renesas Technology Corp H838534H Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 508 page
background image
Rev. 1.00 May 30, 2008 Page vi of xx
2. Description of Numbers and Symbols
Aspects of the notations for register names, bit names, numbers, and symbolic names in this
manual are explained below.
CMCSR indicates compare match generation, enables or disables interrupts, and selects the counter
input clock. Generation of a
WDTOVF signal or interrupt initializes the TCNT value to 0.
14.3 Operation
The style "register name"_"instance number" is used in cases where there is more than one
instance of the same function or similar functions.
[Example] CMCSR_0: Indicates the CMCSR register for the compare-match timer of channel 0.
In descriptions involving the names of bits and bit fields within this manual, the modules and
registers to which the bits belong may be clarified by giving the names in the forms
"module name"."register name"."bit name" or "register name"."bit name".
(1) Overall notation
(2) Register notation
Rev. 0.50, 10/04, page 416 of 914
14.2.2 Compare Match Control/Status Register_0, _1 (CMCSR_0, CMCSR_1)
14.3.1 Interval Count Operation
(4)
(3)
(2)
Binary numbers are given as B'nnnn (B' may be omitted if the number is obviously binary),
hexadecimal numbers are given as H'nnnn or 0xnnnn, and decimal numbers are given as nnnn.
[Examples] Binary:
B'11 or 11
Hexadecimal: H'EFA0 or 0xEFA0
Decimal:
1234
(3) Number notation
An overbar on the name indicates that a signal or pin is active-low.
[Example]
WDTOVF
Note: The bit names and sentences in the above figure are examples and have nothing to do
with the contents of this manual.
(4) Notation for active-low
When an internal clock is selected with the CKS1 and CKS0 bits in CMCSR and the STR bit in
CMSTR is set to 1, CMCNT starts incrementing using the selected clock. When the values in
CMCNT and the compare match constant register (CMCOR) match, CMCNT is cleared to H'0000
and the CMF flag in CMCSR is set to 1. When the CKS1 and CKS0 bits are set to B'01 at this time,
a f/4 clock is selected.


Similar Part No. - H838534H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H838524 RENESAS-H838524 Datasheet
3Mb / 544P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
More results

Similar Description - H838534H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H838602R RENESAS-H838602R Datasheet
3Mb / 552P
   16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
H838704 RENESAS-H838704 Datasheet
2Mb / 402P
   16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
H838086R RENESAS-H838086R Datasheet
3Mb / 697P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
H838076R RENESAS-H838076R Datasheet
4Mb / 669P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Super Low Power Series
H838524 RENESAS-H838524 Datasheet
3Mb / 544P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
HD6433694 RENESAS-HD6433694 Datasheet
2Mb / 432P
   16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
H83008 RENESAS-H83008 Datasheet
3Mb / 686P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
H83062 RENESAS-H83062 Datasheet
5Mb / 1021P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
HD64F3039F18 RENESAS-HD64F3039F18 Datasheet
3Mb / 710P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Series
H8-3067 RENESAS-H8-3067 Datasheet
4Mb / 963P
   Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com