Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6472355 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD6472355
Description  16-Bit Single-Chip Microcomputer
Download  880 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6472355 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD6472355 Datasheet HTML 1Page - Renesas Technology Corp HD6472355 Datasheet HTML 2Page - Renesas Technology Corp HD6472355 Datasheet HTML 3Page - Renesas Technology Corp HD6472355 Datasheet HTML 4Page - Renesas Technology Corp HD6472355 Datasheet HTML 5Page - Renesas Technology Corp HD6472355 Datasheet HTML 6Page - Renesas Technology Corp HD6472355 Datasheet HTML 7Page - Renesas Technology Corp HD6472355 Datasheet HTML 8Page - Renesas Technology Corp HD6472355 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 880 page
background image
Rev.4.00 Feb. 13, 2007 Page v of xxx
REJ09B0354-0400
Preface
The H8S/2355 Group is a series of high-performance microcontrollers with a 32-bit H8S/2000
CPU core, and a set of on-chip supporting functions required for system configuration.
The H8S/2000 CPU can execute basic instructions in one state, and is provided with sixteen 16-bit
general registers with a 32-bit internal configuration, and a concise and optimized instruction set.
The CPU can handle a 16 Mbyte linear address space (architecturally 4 Gbytes). Programs based
on the high-level language C can also be run efficiently.
The address space is divided into eight areas. The data bus width and access states can be selected
for each of these areas, and various kinds of memory can be connected fast and easily.
On-chip memory consists of large-capacity ROM and RAM. PROM (ZTAT
®
*
1) and mask ROM
versions are available, providing a quick and flexible response to conditions from ramp-up through
full-scale volume production, even for applications with frequently changing specifications.
On-chip supporting functions include a 16-bit timer pulse unit (TPU), 8-bit timers, watchdog timer
(WDT), serial communication interface (SCI), A/D converter, D/A converter*
2, and I/O ports.
An on-chip data transfer controller (DTC) is also provided, enabling high-speed data transfer
without CPU intervention.
Use of the H8S/2355 Group enables compact, high-performance systems to be implemented
easily.
This manual describes the hardware of the H8S/2355 Group. Refer to the H8S/2600 Series and
H8S/2000 Series Software Manual for a detailed description of the instruction set.
Notes: *1 ZTAT is a registered trademark of Renesas Technolgy Corp. There is no PROM
version of the H8S/2393.
*2 The H8S/2393 does not support a D/A converter.


Similar Part No. - HD6472355

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD6472345 HITACHI-HD6472345 Datasheet
3Mb / 907P
   H8S/2345 F-ZTAT Hardware Manual
logo
Renesas Technology Corp
HD6472345 RENESAS-HD6472345 Datasheet
4Mb / 927P
   16-Bit Single-Chip Microcomputer
logo
Hitachi Semiconductor
HD6472345F HITACHI-HD6472345F Datasheet
3Mb / 907P
   H8S/2345 F-ZTAT Hardware Manual
HD6472345FA HITACHI-HD6472345FA Datasheet
3Mb / 907P
   H8S/2345 F-ZTAT Hardware Manual
HD6472345TE HITACHI-HD6472345TE Datasheet
3Mb / 907P
   H8S/2345 F-ZTAT Hardware Manual
More results

Similar Description - HD6472355

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8-3039 RENESAS-H8-3039 Datasheet
3Mb / 708P
   16-Bit Single-Chip Microcomputer
7721 RENESAS-7721 Datasheet
6Mb / 577P
   16-BIT SINGLE-CHIP MICROCOMPUTER
H83069R-ZTAT RENESAS-H83069R-ZTAT Datasheet
4Mb / 1003P
   16-BIT SINGLE-CHIP MICROCOMPUTER
H8-3052B RENESAS-H8-3052B Datasheet
5Mb / 845P
   16-Bit Single-Chip Microcomputer
7905 RENESAS-7905 Datasheet
3Mb / 565P
   16-BIT SINGLE-CHIP MICROCOMPUTER
7906 RENESAS-7906 Datasheet
2Mb / 531P
   16-BIT SINGLE-CHIP MICROCOMPUTER
H8S-2168 RENESAS-H8S-2168 Datasheet
5Mb / 874P
   16-Bit Single-Chip Microcomputer
H8-3006 RENESAS-H8-3006 Datasheet
4Mb / 796P
   16-Bit Single-Chip Microcomputer
7751 RENESAS-7751 Datasheet
5Mb / 540P
   16-BIT SINGLE-CHIP MICROCOMPUTER
M30218 RENESAS-M30218_01 Datasheet
4Mb / 469P
   16-BIT SINGLE-CHIP MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com