Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6432132 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HD6432132
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
Download  1061 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432132 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HD6432132 Datasheet HTML 7Page - Renesas Technology Corp HD6432132 Datasheet HTML 8Page - Renesas Technology Corp HD6432132 Datasheet HTML 9Page - Renesas Technology Corp HD6432132 Datasheet HTML 10Page - Renesas Technology Corp HD6432132 Datasheet HTML 11Page - Renesas Technology Corp HD6432132 Datasheet HTML 12Page - Renesas Technology Corp HD6432132 Datasheet HTML 13Page - Renesas Technology Corp HD6432132 Datasheet HTML 14Page - Renesas Technology Corp HD6432132 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 1061 page
background image
Rev. 4.00 Jun 06, 2006 page xi of liv
Item
Page
Revision (See Manual for Details)
25.2.7 Usage Note
Figure 25.3 Connection
of External Capacitor
(Mask ROM Type
Incorporating Step-Down
Circuit and Product Not
Incorporating Step-Down
Circuit)
732
Description amended
<Products incorporating internal step-down circuit>
HD6432138S, HD6432138SW, HD6432137S,
HD6432137SW, HD6432134S, HD6432133S, HD64F2138A,
HD64F2134A
25.3.2 DC
Characteristics
Table 25.16 DC
Characteristics (1)
735
Table 25.16 (1) amended
Item
Symbol
Min
Typ
Max
Unit
Test
Conditions
V
OH
V
CC –0.5
——
VI
OH = –200 µA
All output pins
(except P97, and
P52*
4)*5
3.5
——
VI
OH = –1 mA
Output high
voltage
P97, P52*
4
2.0
——
VI
= –200 µA,
V
= 4.5 to
5.5 V
CC
OH
736
Note
*4 amended
Note: 4. P52/SCK0/SCL0 and P97/SDA0 are NMOS push-pull
outputs in H8S/2138. ... P52/SCK0 and P97 (ICE = 0) high
levels are driven by NMOS in H8S/2138.
Table 25.16 DC
Characteristics (2)
738
Table 25.16 (2) amended
Item
Symbol
Min
Typ
Max
Unit
Test
Conditions
V
OH
V
CC –0.5
——
VI
OH = –200 µA
Output high
voltage
All output pins
(except P97, and
P52*
4)*5
3.5
——
VI
OH = –1 mA,
V
CC=
4.5 V to 5.5 V
3.0
——
VI
OH = –1 mA,
V
CC < 4.5 V
P97, P52*
4
1.5
——
VI
OH = –200 µA,
V
= 4.0 to
5.5 V
CC
739
Note
*4 amended
Note: 4. P52/SCK0/SCL0 and P97/SDA0 are NMOS push-pull
outputs in H8S/2138. ... P52/SCK0 and P97 (ICE = 0) high
levels are driven by NMOS in H8S/2138.


Similar Part No. - HD6432132

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6432120 RENESAS-HD6432120 Datasheet
3Mb / 843P
   Single-Chip Microcomputer
HD6432122 RENESAS-HD6432122 Datasheet
3Mb / 843P
   Single-Chip Microcomputer
HD6432126R RENESAS-HD6432126R Datasheet
3Mb / 843P
   Single-Chip Microcomputer
HD6432126RW RENESAS-HD6432126RW Datasheet
3Mb / 843P
   Single-Chip Microcomputer
HD6432127R RENESAS-HD6432127R Datasheet
3Mb / 843P
   Single-Chip Microcomputer
More results

Similar Description - HD6432132

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S-2172 RENESAS-H8S-2172 Datasheet
4Mb / 570P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2100 Series
H8S2168 RENESAS-H8S2168 Datasheet
5Mb / 874P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2158 RENESAS-H8S2158 Datasheet
6Mb / 927P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
H8S2199R RENESAS-H8S2199R Datasheet
6Mb / 1222P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
H8S2110B RENESAS-H8S2110B Datasheet
3Mb / 559P
   Renesas 16-Bit Single-Chip Microcomputer Renesas H8S Family/H8S/2100 Series
H8S2111B RENESAS-H8S2111B Datasheet
3Mb / 582P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2148 RENESAS-H8S2148 Datasheet
6Mb / 1177P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
H8S2189R RENESAS-H8S2189R Datasheet
4Mb / 812P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2116 RENESAS-H8S2116 Datasheet
4Mb / 842P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S2117 RENESAS-H8S2117 Datasheet
5Mb / 968P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
H8S-2214 RENESAS-H8S-2214 Datasheet
5Mb / 936P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2100 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com