Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD64F2211 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HD64F2211
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
Download  750 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2211 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HD64F2211 Datasheet HTML 7Page - Renesas Technology Corp HD64F2211 Datasheet HTML 8Page - Renesas Technology Corp HD64F2211 Datasheet HTML 9Page - Renesas Technology Corp HD64F2211 Datasheet HTML 10Page - Renesas Technology Corp HD64F2211 Datasheet HTML 11Page - Renesas Technology Corp HD64F2211 Datasheet HTML 12Page - Renesas Technology Corp HD64F2211 Datasheet HTML 13Page - Renesas Technology Corp HD64F2211 Datasheet HTML 14Page - Renesas Technology Corp HD64F2211 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 750 page
background image
Rev.6.00 Jun. 03, 2008 Page xi of xlviii
REJ09B0074-0600
Item
Page
Revision (See Manual for Details)
15.1 Features
535
Description amended
• Conversion time: 8.1 µs per channel (at 16-MHz operation),
10.7 µs per channel (at 24-MHz operation), 21.8 µs per
channel (at 6-MHz operation)
16 RAM
551
Description amended
…The H8S/2210 and H8S/2210S has 4 kbytes of on-chip high-
speed static RAM.
Table amended
Product Class
ROM Type
RAM Size
RAM Address
H8S/2212
Group
Masked ROM Version
4 kbytes
H'FFE000 to H'FFEFBF
H'FFFFC0 to H'FFFFFF
HD6432210
HD6432210S
17.4 Input/Output Pins
Table 17.2 Pin
Configuration
560
Table amended
Pin Name
I/O
Function
PF3, PF0, P16,
P14
Input
Sets this LSI's operating mode in programmer
mode
All
EMLE
Input
Emulator enable
TxD2
Output
Serial transmit data output
RxD2
Input
Serial receive data input
HD64F2218,
HD64F2212,
HD64F2211
18.1 Features
593
Table amended
Product Class
ROM Size
ROM Address (Modes 6 and 7)
H8S/2218 Group
H8S/2212 Group
64 kbytes
64 kbytes
32 kbytes
H'000000 to H'00FFFF
H'000000 to H'00FFFF
H'000000 to H'007FFF
HD6432217
HD6432211
HD6432210, HD6432210S
19.8 PLL Circuit for
USB
604
Description amended
The PLL circuit has the function of doubling or tripling the 16-
MHz or 24-MHz clock from the main oscillator to generate the
48-MHz USB operating clock.
.
When the PLL circuit is used, set the UCKS3 to UCKS0 bits of
UCTLR. For details, refer to section 14, Universal Serial Bus
(USB).
When the PLL circuit is not used, connect the PLVCC pin to Vcc
and the PLLVSS pin to the ground (Vss). Figure 19.9 shows
examples of external circuits peripheral to the PLL.
Figure 19.9 Example
of PLL Circuit
Figure added


Similar Part No. - HD64F2211

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD64F2211 RENESAS-HD64F2211 Datasheet
4Mb / 750P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
HD64F2211 RENESAS-HD64F2211 Datasheet
5Mb / 758P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
HD64F2211CU RENESAS-HD64F2211CU Datasheet
5Mb / 758P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
HD64F2211U RENESAS-HD64F2211U Datasheet
4Mb / 750P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
HD64F2211U RENESAS-HD64F2211U Datasheet
5Mb / 758P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
More results

Similar Description - HD64F2211

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8S2268 RENESAS-H8S2268 Datasheet
4Mb / 725P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2214 RENESAS-H8S2214 Datasheet
5Mb / 936P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2258 RENESAS-H8S2258 Datasheet
6Mb / 1071P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2282 RENESAS-H8S2282 Datasheet
3Mb / 615P
   16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S2268 RENESAS-H8S2268_09 Datasheet
4Mb / 712P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S14 RENESAS-H8S14 Datasheet
5Mb / 938P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S18 RENESAS-H8S18 Datasheet
5Mb / 758P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
H8S-2218 RENESAS-H8S-2218 Datasheet
4Mb / 750P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
H8S-2258 RENESAS-H8S-2258 Datasheet
6Mb / 1071P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family H8S-2200 Series
H8S2215 RENESAS-H8S2215 Datasheet
4Mb / 878P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com